Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-4.3-480272MF-ATXI-1 Datasheet(PDF) 6 Page - Newhaven Display International, Inc.

Part # NHD-4.3-480272MF-ATXI-1
Description  TFT (Thin?륡ilm?륳ransistor) Color Liquid Crystal Display Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-4.3-480272MF-ATXI-1 Datasheet(HTML) 6 Page - Newhaven Display International, Inc.

  NHD-4.3-480272MF-ATXI-1 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-4.3-480272MF-ATXI-1 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-4.3-480272MF-ATXI-1 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-4.3-480272MF-ATXI-1 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-4.3-480272MF-ATXI-1 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-4.3-480272MF-ATXI-1 Datasheet HTML 6Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
[6] 
 
Driver Information 
Built‐in OTA5180A. 
For specific timing and color information, please download specification at 
http://www.newhavendisplay.com/app_notes/OTA5180A.pdf 
 
 
 
 
Quality Information 
Test Item 
Content of Test 
Test Condition 
Note
High Temperature storage 
Endurance test applying the high 
storage temperature for a long time. 
+80⁰C , 200hrs
Low Temperature storage 
Endurance test applying the low storage 
temperature for a long time. 
‐30⁰C , 200hrs
1,2
High Temperature 
Operation 
Endurance test applying the electric stress 
(voltage & current) and the high thermal 
stress for a long time. 
+70⁰C 200hrs
Low Temperature 
Operation 
Endurance test applying the electric stress 
(voltage & current) and the low thermal 
stress for a long time. 
‐20⁰C , 200hrs
1,2
High Temperature / 
Humidity Operation 
Endurance test applying the electric stress 
(voltage & current) and the high thermal 
with high humidity stress for a long time. 
+60⁰C , 90% RH , 96hrs 
1,2
Thermal Shock resistance 
Endurance test applying the electric stress 
(voltage & current) during a cycle of low 
and high thermal stress.  
‐20⁰C,30min ‐> 25⁰C,5min ‐
>70⁰C,30min = 1 cycle 
10 cycles 
 
Vibration test 
Endurance test applying vibration to 
simulate transportation and use. 
10‐55Hz , 15mm amplitude. 
60 sec in each of 3 directions 
X,Y,Z 
For 15 minutes 
Static electricity test 
Endurance test applying electric static 
discharge. 
VS=800V, RS=1.5kΩ, CS=100pF 
 One time 
 
Note 1: No condensation to be observed. 
Note 2: Conducted after 4 hours of storage at 25⁰C, 0%RH. 
Note 3: Test performed on product itself, not inside a container. 
 
 
Precautions for using LCDs/LCMs 
See Precautions at www.newhavendisplay.com/specs/precautions.pdf 
 
Warranty Information and Terms & Conditions 
http://www.newhavendisplay.com/index.php?main_page=terms 
 
 


Similar Part No. - NHD-4.3-480272MF-ATXI-1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-4.3-480272MF-ATXI-T-1 NEWHAVEN-NHD-4.3-480272MF-ATXI-T-1 Datasheet
558Kb / 6P
   TFT (Thin?륡ilm?륳ransistor) Color Liquid Crystal Display Module
More results

Similar Description - NHD-4.3-480272MF-ATXI-1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.5-320240MF-ATXL-1 NEWHAVEN-NHD-3.5-320240MF-ATXL-1 Datasheet
379Kb / 7P
   TFT (Thin?륡ilm?륳ransistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ATXL-T NEWHAVEN-NHD-4.3-480272EF-ATXL-T Datasheet
713Kb / 7P
   TFT (Thin?륡ilm?륳ransistor) Color Liquid Crystal Display Module
NHD-4.3-480272MF-ATXI-T-1 NEWHAVEN-NHD-4.3-480272MF-ATXI-T-1 Datasheet
558Kb / 6P
   TFT (Thin?륡ilm?륳ransistor) Color Liquid Crystal Display Module
NHD-2.4-240320SF-CTXI-T NEWHAVEN-NHD-2.4-240320SF-CTXI-T Datasheet
713Kb / 9P
   TFT (Thin?륡ilm Transistor) Liquid Crystal Display Module
NHD-3.5-320240MF-ASXV-T NEWHAVEN-NHD-3.5-320240MF-ASXV-T Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV-T NEWHAVEN-NHD-4.3-480272EF-ASXV-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN-T NEWHAVEN-NHD-7.0-800480EF-ASXN-T Datasheet
729Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL-CTP NEWHAVEN-NHD-7.0-800480EF-ATXL-CTP Datasheet
1Mb / 19P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN NEWHAVEN-NHD-7.0-800480EF-ASXN Datasheet
717Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-3.5-320240MF-ASXN NEWHAVEN-NHD-3.5-320240MF-ASXN Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com