Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-4.3-480272EF-ASXV-CTP Datasheet(PDF) 10 Page - Newhaven Display International, Inc.

Part # NHD-4.3-480272EF-ASXV-CTP
Description  TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-4.3-480272EF-ASXV-CTP Datasheet(HTML) 10 Page - Newhaven Display International, Inc.

Back Button NHD-4.3-480272EF-ASXV-CTP Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-4.3-480272EF-ASXV-CTP Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-4.3-480272EF-ASXV-CTP Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-4.3-480272EF-ASXV-CTP Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-4.3-480272EF-ASXV-CTP Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-4.3-480272EF-ASXV-CTP Datasheet HTML 11Page - Newhaven Display International, Inc. NHD-4.3-480272EF-ASXV-CTP Datasheet HTML 12Page - Newhaven Display International, Inc. NHD-4.3-480272EF-ASXV-CTP Datasheet HTML 13Page - Newhaven Display International, Inc. NHD-4.3-480272EF-ASXV-CTP Datasheet HTML 14Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
[10]
Register No
Register Name
Bits
Value
Description
1Bh
Touch 5 Event Flag
[7:6]
00b
Put Down
01b
Put Up
10b
Contact
11b
Reserved
1Bh
TOUCH5_XH
[3:0]
0h - 1h
Upper 4 bits of X touch coordinate
1Ch
TOUCH5_XL
[7:0]
00h - FFh
Lower 8 bits of X touch coordinate
1Dh
TOUCH5_YH
[3:0]
0h - 1h
Upper 4 bits of Y touch coordinate
1Eh
TOUCH5_YL
[7:0]
00h - FFh
Lower 8 bits of Y touch coordinate
80h
ID_G_THGROUP
[7:0]
00h - FFh
Valid touching detect threshold
Recommended: 46h
Actual value will be 4 times register’s value
81h
ID_G_THPEAK
[7:0]
00h - FFh
valid touching peak detect threshold
Recommended: 3Ch
82h
ID_G_THCAL
[7:0]
00h - FFh
Touch focus threshold
Recommended: 1Dh
83h
ID_G_THWATER
[7:0]
00h - FFh
threshold when there is surface water
Recommended: D3h
84h
ID_G_THTEMP
[7:0]
00h- FFh
threshold of temperature compensation
Recommended: EBh
85h
ID_G_THDIFF
[7:0]
00h- FFh
Touch difference threshold
Recommended: A0h
Actual value is 32 times the register’s value
86h
ID_G_CTRL
[1:0]
00h
Power Control Mode: Not Auto Jump
01h
Power Control Mode: Auto Jump
87h
ID_G_TIME_ENTER_MONITOR
[7:0]
00h-FFh
Delay to enter 'Monitor' status (s)
Recommended: C8h
88h
ID_G_PERIODACTIVE
[3:0]
3h-Eh
Period of 'Active' status (ms)
Recommended: 6h
89h
ID_G_PERIODMONITOR
[7:0]
1Eh-FFh
Timer to enter ‘idle’ when in 'Monitor' (ms)
Recommended: 28h
A0h
ID_G_AUTO_CLB_MODE
[7:0]
00h
Auto calibration mode: Enable auto calibration
FFh
Auto calibration mode: Disable auto calibration
A1h
ID_G_LIB_VERSION_H
[7:0]
30h
Firmware Library Version H byte
A2h
ID_G_LIB_VERSION_L
[7:0]
01h
Firmware Library Version L byte
A3h
ID_G_CIPHER
[7:0]
55h
Chip vendor ID
A4h
ID_G_MODE
[0:0]
00h
Interrupt status: Enable interrupt to host
01h
Interrupt status: Disable interrupt to host
A5h
ID_G_PMODE
[1:0]
00h
'Active' Mode
01h
'Monitor' Mode
03h
'Hibernate' Mode
A6h
ID_G_FIRMID
[7:0]
08h
Firmware ID
A7h
ID_G_STATE
[7:0]
00h
Running State: Configure
01h
Running State: Work
02h
Running State: Calibration
03h
Running State: Factory
04h
Running State: Auto-calibration
A8h
ID_G_FT5201ID
[7:0]
79h
CTPM Vendor's Chip ID
A9h
ID_G_ERR
[7:0]
00h
Error Code: OK
03h
Error Code: Chip register writing inconsistent with reading
05h
Error Code: Chip start fail
1Ah
Error Code: Calibration match fail


Similar Part No. - NHD-4.3-480272EF-ASXV-CTP

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-4.3-480272EF-ASXV-T NEWHAVEN-NHD-4.3-480272EF-ASXV-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results

Similar Description - NHD-4.3-480272EF-ASXV-CTP

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.5-320240MF-ASXV-T NEWHAVEN-NHD-3.5-320240MF-ASXV-T Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV-T NEWHAVEN-NHD-4.3-480272EF-ASXV-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN-T NEWHAVEN-NHD-7.0-800480EF-ASXN-T Datasheet
729Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL-CTP NEWHAVEN-NHD-7.0-800480EF-ATXL-CTP Datasheet
1Mb / 19P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN NEWHAVEN-NHD-7.0-800480EF-ASXN Datasheet
717Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-3.5-320240MF-ASXN NEWHAVEN-NHD-3.5-320240MF-ASXN Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL NEWHAVEN-NHD-7.0-800480EF-ATXL Datasheet
739Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480WF-CTXI-T NEWHAVEN-NHD-7.0-800480WF-CTXI-T Datasheet
310Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-10.1-1024600AF-LSXV NEWHAVEN-NHD-10.1-1024600AF-LSXV Datasheet
448Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXL-CTP NEWHAVEN-NHD-5.0-800480TF-ATXL-CTP Datasheet
878Kb / 16P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-57-320240WFB-CTXI-1 NEWHAVEN-NHD-57-320240WFB-CTXI-1 Datasheet
403Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com