Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS340 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # UPS340
Description  3 A LOW Vf Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS340 Datasheet(HTML) 3 Page - Microsemi Corporation

  UPS340 Datasheet HTML 1Page - Microsemi Corporation UPS340 Datasheet HTML 2Page - Microsemi Corporation UPS340 Datasheet HTML 3Page - Microsemi Corporation UPS340 Datasheet HTML 4Page - Microsemi Corporation UPS340 Datasheet HTML 5Page - Microsemi Corporation UPS340 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UPS340
3 A LOW Vf Schottky Barrier Rectifier
Notes: 1. TA = TSOLDERING POINT, RΘJS = 3.4º C/W RΘsa = 0º C/W.
2. Device mounted on GETEK substrate, 2" x 2", 2 oz. copper , double-sided , cathode
pad dimensions .075" x 1.0", anode pad dimensions 0.25" x 1.0". RΘJA in range of
20-40° C/W.
3. Device mounted on FRA-4 substrate, 2" x 2", 2 oz. copper, single-sided, pad layout
RΘJA in range of 95 - 115° C/W.
Microsemi
Page 3
Copyright
 2003
Rev. 0., 2003-02-12


Similar Part No. - UPS340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPS30-4003 ETC2-UPS30-4003 Datasheet
90Kb / 2P
   Open Frame 2.76X5.12 Universal Input AC/DC Converter
logo
Microsemi Corporation
UPS315 MICROSEMI-UPS315 Datasheet
105Kb / 2P
   3 Amp Schottky OR ing Rectifier
logo
Micrel Semiconductor
UPS3540 MICREL-UPS3540 Datasheet
290Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Microsemi Corporation
UPS360 MICROSEMI-UPS360 Datasheet
160Kb / 5P
   3 A Schottky Barrier Rectifier
logo
Unisonic Technologies
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UPS340

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4030EP NXP-PMEG4030EP Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
PMEG4030ER PHILIPS-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
PMEG4030EP,115 NXP-PMEG4030EP,115 Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
logo
Nexperia B.V. All right...
PMEG3030EP-Q NEXPERIA-PMEG3030EP-Q Datasheet
258Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
8 June 2021
logo
NXP Semiconductors
PMEG3030BEP PHILIPS-PMEG3030BEP Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-27 October 2009
PMEG3030EP NXP-PMEG3030EP Datasheet
162Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2009
PMEG6030EP PHILIPS-PMEG6030EP Datasheet
268Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-21 January 2010
PMEG4030ER NXP-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
PMEG040V030EPE NEXPERIA-PMEG040V030EPE Datasheet
264Kb / 11P
   40 V, 3 A low VF Schottky barrier rectifier
24 October 2022
PMEG3030BEP-Q NEXPERIA-PMEG3030BEP-Q Datasheet
252Kb / 12P
   30 V, 3 A low VF Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com