Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2709T Datasheet(PDF) 4 Page - NEC

Part No. UPC2709T
Description  2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPC2709T Datasheet(HTML) 4 Page - NEC

  UPC2709T Datasheet HTML 1Page - NEC UPC2709T Datasheet HTML 2Page - NEC UPC2709T Datasheet HTML 3Page - NEC UPC2709T Datasheet HTML 4Page - NEC UPC2709T Datasheet HTML 5Page - NEC UPC2709T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC2709T
OUTPUT POWER vs. INPUT POWER
AND TEMPERATURE
VCC = 5.0 V
f = 1.0 GHz
-35
-30
-25
-20
-15
-10
-5
10
0
5
-20
-15
-10
-5
0
5
10
15
TA = -40 ˚C
TA = 25˚C
TA = 85˚C
UPC2709T
OUTPUT POWER vs. INPUT POWER
AND VOLTAGE
Input Power, PIN (dBm)
TA = +25 ˚C
10
5
0
-5
-10
-15
-20
-25
-40
-35
-30
-25
-20
-15
-10
-5
0
5
VCC = 5.0 V
f = 1.0 GHz
TA = +85 ˚C
TA = -40 ˚C
10
5
0
-5
-10
-15
-20
-25
-45 -40
-35 -30
-25
-20 -15 -10
-5
0
5
VCC = 5.0 V
f = 1.0 GHz
VCC = 4.5 V
VCC = 5.5 V
UPC2712T
OUTPUT POWER vs. INPUT POWER
AND VOLTAGE
Input Power, PIN (dBm)
Input Power, PIN (dBm)
UPC2712T
OUTPUT POWER vs. INPUT POWER
AND TEMPERATURE
Input Power, PIN (dBm)
UPC2709T, UPC2712T
f = 1.0 GHz
VCC = 5.0 V
-35
-30
-25
-20
-15
-10
-5
10
0
5
-20
-15
-10
-5
0
5
10
15
VCC = 5.5 V
VCC = 4.5 V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn