Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0934452209 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0934452209
Description  ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Red
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0934452209 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0934452209 Datasheet HTML 1Page - Molex Electronics Ltd. 0934452209 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/12/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0934452209
Status:
Active
Overview:
ML-XT Sealed Connection System
Description:
ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover,
Red
Documents:
Drawing (PDF)
Packaging Specification 934430002-K (PDF)
Product Specification 934430010-P (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification 934430010-A (PDF)
Product Literature (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
93445
Application
Power, Signal, Wire-to-Wire
Application Tooling Part Link
63824-5300
Overview
ML-XT Sealed Connection System
Product Literature Order No
987651-0201
Product Name
ML-XT
UPC
889056315005
Physical
Circuits (maximum)
3
Color - Resin
Red
Gender
Plug
Glow-Wire Capable
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
6.050/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
N/A
Polarized to Mating Part
Yes
Temperature Range - Operating
-55°C to +125°C
Electrical
Current - Maximum per Contact
13.0A
Material Info
Reference - Drawing Numbers
Application Specification
934430010-A
Packaging Specification
934430002-K
Product Specification
934430010-P
Sales Drawing
934430020-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
93445 Series
Mates With
ML-XT Sealed 3 Circuit Receptacle Housing
93444-2209
Use With
ML-XT Female (Socket) Terminal
84525-0009 (Nickel), ML-XT Female
(Socket) Terminal 84525-0032 (Selective
Gold), ML-XT 3 Circuit Plug Wedgelock
93448 , ML-XT Blind Cavity Plug
93494-1000
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global


Similar Part No. - 0934452209

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0934452201 MOLEX1-0934452201 Datasheet
45Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Black
0934452202 MOLEX1-0934452202 Datasheet
43Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover,Grey
0934452203 MOLEX1-0934452203 Datasheet
47Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Green
0934452204 MOLEX1-0934452204 Datasheet
46Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Blue
0934452205 MOLEX1-0934452205 Datasheet
46Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Yellow
More results

Similar Description - 0934452209

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0934454209 MOLEX1-0934454209 Datasheet
59Kb / 2P
   ML-XT Sealed 6 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover Red
0934453209 MOLEX1-0934453209 Datasheet
48Kb / 2P
   ML-XT Sealed 4 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Red
0934451209 MOLEX1-0934451209 Datasheet
48Kb / 2P
   ML-XT Sealed 2 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Red
0934452609 MOLEX1-0934452609 Datasheet
46Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing with Heatshrink, Pre-Assembled with Large Rear Seal and Cover, Red
0934452202 MOLEX1-0934452202 Datasheet
43Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover,Grey
0934452203 MOLEX1-0934452203 Datasheet
47Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Green
0934452205 MOLEX1-0934452205 Datasheet
46Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Yellow
0934452201 MOLEX1-0934452201 Datasheet
45Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Black
0934452208 MOLEX1-0934452208 Datasheet
47Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, Orange
0934452206 MOLEX1-0934452206 Datasheet
42Kb / 2P
   ML-XT Sealed 3 Circuit Plug Housing, Pre-Assembled with Large Rear Seal and Cover, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com