Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-3.5-320240MF-ASXV-T Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # NHD-3.5-320240MF-ASXV-T
Description  TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-3.5-320240MF-ASXV-T Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  NHD-3.5-320240MF-ASXV-T Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXV-T Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXV-T Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXV-T Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXV-T Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXV-T Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXV-T Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXV-T Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXV-T Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PROPRIE
TAR
Y
1
2
3
4
5
6
A
B
C
D
B
C
D
1
2
3
4
5
6
Mechanical Drawing
A
[3]
The information contained herein is the exclusive property of Newhaven Display International, Inc. and shall not be copied, reproduced, and/or disclosed in any format without permission.
NHD-3.5-320240MF-ASXV#-T
12/02/16
Date
Unit
Part Number:
mm
Gen. Tol.
±0.3
Rev
Description
Date
NOTES:
1. Display Size:
3.5” TFT
2. Viewing Direction: Full View
3. Display Mode:
Transmissive / Normally White / Anti-Glare
4. Driver IC:
NV3035C
5. Supply Voltage:
3.3 V
6. Backlight:
White LED / 19.2 V (Typ) / 40 mA
7. Brightness:
620 cd/m² (Typ)
8. Touch Panel: 4-Wire Resistive
Pin No.
Symbol
1
LED_K
2
LED_K
3
LED_A
4
LED_A
5
NC
6
NC
7
NC
8
RSTB
9
SPENB
10
SPCK
11
SPDA
12-19
B0-B7
20-27
G0-G7
28-35
R0-R7
36
HSD
37
VSD
38
CLKIN
39
NC
40
NC
41
VDD
42
VDD
43
NC
44
NC
45
NC
46
NC
47
NC
48
NC
49
NC
50
NC
51
NC
52
DEN
53
GND
54
GND
TFT Pin Assignment
Pin No.
Symbol
1
Y1
2
X1
3
Y2
4
X2


Similar Part No. - NHD-3.5-320240MF-ASXV-T

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.5-320240MF-ASXV-CTP NEWHAVEN-NHD-3.5-320240MF-ASXV-CTP Datasheet
2Mb / 16P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results

Similar Description - NHD-3.5-320240MF-ASXV-T

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-4.3-480272EF-ASXV-T NEWHAVEN-NHD-4.3-480272EF-ASXV-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN-T NEWHAVEN-NHD-7.0-800480EF-ASXN-T Datasheet
729Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL-CTP NEWHAVEN-NHD-7.0-800480EF-ATXL-CTP Datasheet
1Mb / 19P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN NEWHAVEN-NHD-7.0-800480EF-ASXN Datasheet
717Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-3.5-320240MF-ASXN NEWHAVEN-NHD-3.5-320240MF-ASXN Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL NEWHAVEN-NHD-7.0-800480EF-ATXL Datasheet
739Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480WF-CTXI-T NEWHAVEN-NHD-7.0-800480WF-CTXI-T Datasheet
310Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-10.1-1024600AF-LSXV NEWHAVEN-NHD-10.1-1024600AF-LSXV Datasheet
448Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXL-CTP NEWHAVEN-NHD-5.0-800480TF-ATXL-CTP Datasheet
878Kb / 16P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-57-320240WFB-CTXI-1 NEWHAVEN-NHD-57-320240WFB-CTXI-1 Datasheet
403Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com