Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-3.5-320240MF-ASXN-CTP Datasheet(PDF) 5 Page - Newhaven Display International, Inc.

Part # NHD-3.5-320240MF-ASXN-CTP
Description  TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-3.5-320240MF-ASXN-CTP Datasheet(HTML) 5 Page - Newhaven Display International, Inc.

  NHD-3.5-320240MF-ASXN-CTP Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXN-CTP Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXN-CTP Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXN-CTP Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXN-CTP Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXN-CTP Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXN-CTP Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXN-CTP Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-3.5-320240MF-ASXN-CTP Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
[5]
Electrical Characteristics
TFT:
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Temperature Range
TOP
Absolute Max
-20
-
+70
⁰C
Storage Temperature Range
TST
Absolute Max
-30
-
+80
⁰C
Supply Voltage
VDD
-
3.0
3.3
3.6
V
Supply Current
IDD
VDD=3.3V
5
10
15
mA
“H” Level input
VIH
-
0.8 * VDD
-
VDD
V
“L” Level input
VIL
-
VSS
-
0.2 * VDD
V
“H” Level output
VOH
-
VDD - 0.4
-
VDD
V
“L” Level output
VOL
-
VSS
-
VSS + 0.4
V
Backlight Supply Voltage
VLED
-
-
19.2
-
V
Backlight Supply Current
ILED
VLED=19.2V
30
40
50
mA
Backlight Lifetime*
-
ILED = 40 mA
TOP = 25° C
20,000
50,000
-
Hrs.
*Backlight lifetime is rated as Hours until half-brightness, under normal operating conditions.
Capacitive Touch Panel:
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Temperature Range
TOP
Absolute Max
-20
-
+70
⁰C
Storage Temperature Range
TST
Absolute Max
-30
-
+80
⁰C
Supply Voltage
VDD
-
2.8
3.3
3.6
V
Supply Current – Operating
IDD
VDD=3.3V
-
6.0
-
mA
Supply Current – Hibernate
IDD
VDD=3.3V
-
1.0
-
uA
“H” Level input
VIH
-
0.7*VDD
-
VDD
V
“L” Level input
VIL
-
VSS
-
0.3*VDD
V
“H” Level output
VOH
-
0.7*VDD
-
VDD
V
“L” Level output
VOL
-
VSS
-
0.3*VDD
V
Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Optimal
Viewing
Angles
Top
ϕY+
CR ≥ 10
-
60
-
Bottom
ϕY-
-
40
-
Left
θX-
-
60
-
Right
θX+
-
60
-
Contrast Ratio
CR
-
200
350
-
-
Luminance
LV
ILED = 40 mA
660
830
-
cd/m2
Response Time
Rise
TR
TOP = 25°C
-
25
40
ms
Fall
TF
-
25
40
ms
Chromaticity
Red
XR
-
0.547
0.597
0.647
-
YR
-
0.283
0.333
0.383
-
Green
XG
-
0.274
0.324
0.374
-
YG
-
0.574
0.624
0.674
-
Blue
XB
-
0.096
0.146
0.196
-
YG
-
0.072
0.122
0.172
-
White
XW
-
0.247
0.297
0.347
-
YW
-
0.315
0.365
0.415
-


Similar Part No. - NHD-3.5-320240MF-ASXN-CTP

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.5-320240MF-ASXN-T NEWHAVEN-NHD-3.5-320240MF-ASXN-T Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results

Similar Description - NHD-3.5-320240MF-ASXN-CTP

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.5-320240MF-ASXV-T NEWHAVEN-NHD-3.5-320240MF-ASXV-T Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV-T NEWHAVEN-NHD-4.3-480272EF-ASXV-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN-T NEWHAVEN-NHD-7.0-800480EF-ASXN-T Datasheet
729Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL-CTP NEWHAVEN-NHD-7.0-800480EF-ATXL-CTP Datasheet
1Mb / 19P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN NEWHAVEN-NHD-7.0-800480EF-ASXN Datasheet
717Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-3.5-320240MF-ASXN NEWHAVEN-NHD-3.5-320240MF-ASXN Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL NEWHAVEN-NHD-7.0-800480EF-ATXL Datasheet
739Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480WF-CTXI-T NEWHAVEN-NHD-7.0-800480WF-CTXI-T Datasheet
310Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-10.1-1024600AF-LSXV NEWHAVEN-NHD-10.1-1024600AF-LSXV Datasheet
448Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXL-CTP NEWHAVEN-NHD-5.0-800480TF-ATXL-CTP Datasheet
878Kb / 16P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-57-320240WFB-CTXI-1 NEWHAVEN-NHD-57-320240WFB-CTXI-1 Datasheet
403Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com