Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP1033A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP1033A
Description  TOSHIBA Photointerrupter Infrared LED Photo IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1033A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP1033A Datasheet HTML 1Page - Toshiba Semiconductor TLP1033A Datasheet HTML 2Page - Toshiba Semiconductor TLP1033A Datasheet HTML 3Page - Toshiba Semiconductor TLP1033A Datasheet HTML 4Page - Toshiba Semiconductor TLP1033A Datasheet HTML 5Page - Toshiba Semiconductor TLP1033A Datasheet HTML 6Page - Toshiba Semiconductor TLP1033A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP1033A
2002-09-20
5
Ambient temperature Ta (°C)
IF – Ta
Forward voltage VF (V)
IF – VF
(typ.)
Low-level output current IOL (mA)
VOL – IOL
(typ.)
Forward current IF (mA)
tpLH, tpHL – IF
(typ.)
Load resistance RL (k9)
tr, tf – RL
(typ.)
Load resistance RL (k9)
tpLH, tpHL – RL
(typ.)
0
-20
10
20
30
40
50
60
0
20
40
60
80
100
0.3
0.002
Ta
= 25°C
VCC = 3.3 V
IF = 15 mA
0.5
1
3
5
10
30
0.003
0.005
0.01
0.03
0.05
0.1
0
0
2
4
6
8
10
Ta
= 25°C
VCC = 3.3 V
RL = 10 kW
10
20
30
40
50
60
tpLH
tpHL
0.01
0.1
0.03
0.1
0.3
1
3
10
Ta
= 25°C
VCC = 3.3 V
IF = 15 mA
0.3 0.5
1
3 5
10
30 50 100
300 500
0.05
0.5
5
20
tr
tf
0
1
2
3
5
6
0.1
0.3 0.5
1
3
5
10
30 50
100
tpLH
tpHL
4
9
7
8
Ta
= 25°C
VCC = 3.3 V
IF = 15 mA
1
0.8
0.9
1.0
1.1
1.2
10
30
50
100
5
3
1.3
1.4
-25
0
25
50
Ta
= 75°C


Similar Part No. - TLP1033A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1033A TOSHIBA-TLP1033A Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1033AF TOSHIBA-TLP1033AF Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
More results

Similar Description - TLP1033A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1014 TOSHIBA-TLP1014 Datasheet
408Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1031A TOSHIBA-TLP1031A Datasheet
149Kb / 7P
    TOSHIBA Photointerrupter Infrared LED Photo IC
TLP1016 TOSHIBA-TLP1016 Datasheet
417Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
414Kb / 9P
   THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP550 TOSHIBA-TLP550 Datasheet
179Kb / 7P
   TOSHIBA Photocoupler Infrared LED Photo IC
TLP836 TOSHIBA-TLP836 Datasheet
319Kb / 6P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP813 TOSHIBA-TLP813 Datasheet
352Kb / 6P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP1004A TOSHIBA-TLP1004A Datasheet
202Kb / 10P
   INFRARED LED PHOTO IC
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com