Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7910 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7910
Description  MEDIUM POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7910 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7910 Datasheet HTML 1Page - STMicroelectronics TDA7910 Datasheet HTML 2Page - STMicroelectronics TDA7910 Datasheet HTML 3Page - STMicroelectronics TDA7910 Datasheet HTML 4Page - STMicroelectronics TDA7910 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
March 1994
MEDIUM POWER
SINGLE BIPOLAR OPERATIONAL AMPLIFIER
.
OUTPUT CURRENT UP TO 500 mA
.
OFFSET VOLTAGE NULL CAPABILITY
.
SHORT-CIRCUIT PROTECTION
.
THERMAL OVERLOAD PROTECTION
.
PLASTIC PACKAGE FOR EASY ASSEMBLY
N
DIP16
(Plastic Package)
Ou t p ut
4
5
6
7
9
10
11
12
13
15
Co m pen sa t i on
Non- in vert in g i nput
I n v er t i n g i nput
1
2
3
NC
V cc
+
C urr ent li m iti ng
8
1 6
Co m pen sa t i on
V
CC
-
V
CC
-
V
CC
-
14
Ba la n c e
Ba la n c e
V
CC
-
V
CC
-
V
CC
-
PIN CONNECTIONS (top view)
ORDER CODES
Part
Number
Temperature Range
Package
N
TDB7910
0
oC, +70oC
TDA7910
-40
oC, +105oC
Example : TDB7910N
DESCRIPTION
The TDB7910 and TDA7910 are internally compen-
sated medium power operational amplifiers in-
tended for use in those applications requiring load
currents of several hundred milliamperes. Applica-
tions include servo amplifiers, driver interfaces, pre-
cision power comparators and motor speed control.
These amplifiers are designed to operatefrom a sin-
gle or dual power supplies and the input common-
mode range includes the negative supply if balance
inputs are tied to the negative supply.
The TDB7910 and TDA7910 are thermal overload
and short-circuit protected.
TDB7910
TDA7910
1/5


Similar Part No. - TDA7910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7901 STMICROELECTRONICS-TDA7901 Datasheet
216Kb / 13P
   High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
January 2022 Rev 1
TDA7901-ZST STMICROELECTRONICS-TDA7901-ZST Datasheet
216Kb / 13P
   High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
January 2022 Rev 1
TDA7901-ZSX STMICROELECTRONICS-TDA7901-ZSX Datasheet
216Kb / 13P
   High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
January 2022 Rev 1
More results

Similar Description - TDA7910

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA75S358F KEC-KIA75S358F Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
   Rad-hard precision bipolar single operational amplifier
OP07 STMICROELECTRONICS-OP07 Datasheet
94Kb / 8P
   Very low offset single bipolar operational amplifier
RHF43B STMICROELECTRONICS-RHF43B Datasheet
490Kb / 12P
   RAD-hardened precision bipolar single operational amplifier
logo
ELM Technology Corporat...
ELM45L58XA ELM-TECH-ELM45L58XA Datasheet
656Kb / 3P
   Bipolar Dual operational amplifier
logo
STMicroelectronics
MC33171-MC35171 STMICROELECTRONICS-MC33171-MC35171 Datasheet
50Kb / 5P
   LOW POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
logo
Intersil Corporation
ICL8021 INTERSIL-ICL8021 Datasheet
145Kb / 5P
   High Reliability Low Power Bipolar Operational Amplifier
logo
STMicroelectronics
TSH150 STMICROELECTRONICS-TSH150 Datasheet
58Kb / 7P
   WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC842A RENESAS-UPC842A Datasheet
638Kb / 9P
   Single Power Supply, High Speed, Wide Band, Dual Bipolar Operational Amplifier
2018.12.19
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com