Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC58FVB160AFT-70 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC58FVB160AFT-70
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB160AFT-70 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC58FVB160AFT-70 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TC58FVT160/B160AFT/AXB-70,-10
2002-08-06
10/41
Erase Suspend / Erase Resume Modes
Erase Suspend Mode suspends Auto Block Erase and reads data from or writes data to an unselected block.
The Erase Suspend command is allowed during an auto block erase operation but is ignored in all other oreration
modes .
In Erase Suspend Mode only a Read, Program or Resume command can be accepted. If an Erase Suspend
command is input during an Auto Block Erase, the device will enter Erase Suspend Read Mode after tSUSE. The
device status (Erase Suspend Read Mode) can be verified by checking the Hardware Sequence flag. If data is
read consecutively from the block selected for Auto Block Erase, the DQ2 output will toggle and the DQ6 output
will stop toggling and
BY
/
RY
will be set to High-Impedance.
Inputting a Write command during an Erase Suspend enables a Write to be performed to a block which has not
been selected for the Auto Block Erase. Data is written in the usual manner.
To resume the Auto Block Erase, input an Erase Resume command. On receiving an Erase Resume command,
the device returns to the state it was in when the Erase Suspend command was input. If an Erase Suspend
command is input during the Erase Hold Time, the device will return to the state it was in at the start of the
Erase Hold Time. At this time more blocks can be specified for erasing. If an Erase Resume command is input
during an Auto Block Erase, Erase resumes. At this time toggle output of DQ6 resumes and 0 is output on
BY
/
RY
.
Block Protection
Block Protection is a function for disabling writing and erasing specific blocks. Block protection can be carried
out in two ways: by supplying a high voltage (VID) to the device (see Block protection 1) or by supplying a high
voltage and a command sequence (see Block protection 2).
(1) Block protection 1
Specify a device block address and make the following signal settings A9 = OE = VID, A1 = VIH and CE
= A0 = A6 = VIL. Now when a pulse is input to WE for tPPLH, the device will start to write to the block
protection circuit. Block protection can be verified using the Verify Block Protect command. Inputting VIL on
OE sets the device to Verify Mode. 01H is output if the block is protected and 00H is output if the block is
unprotected. If block protection was unsuccessful, the operation must be repeated. Releasing VID from A9
and OE terminates this mode.
(2) Block protection 2
Applying VID to RESET and inputting the Block Protect 2 command also performs block protection. The
first cycle of the command sequence is the Set-up command. In the second cycle, the Block Protect command
is input, in which a block address and A1 = VIH and A0 = A6 = VIL are input. Now the device writes to the
block protection circuit. There is a wait of tPPLH until this write is completed; however, no intervention is
necessary during this time. In the third cycle the Verify Block Protect command is input. This command
verifies the write to the block protection circuit. Read is performed in the fourth cycle. If the protection
operation is complete, 01H is output. If a value other than 01H is output, block protection is not complete
and the Block Protect command must be input again. Removing the VID input from RESET exits this
mode.
Temporary Block Unprotection
The TC58FVT160/B160A has a temporary block unprotection feature which disables block protection for all
protected blocks. Unprotection is enabled by applying VID to the RESET pin. Now Write and Erase operations
can be performed on all blocks. The device returns to its previous state when VID is removed from the RESET
pin. That is, previously protected blocks will be protected again.
Verify Block Protect
The Verify Block Protect command is used to ascertain whether a block is protected or unprotected.
Verification is performed either by inputting the Verify Block Protect command or by applying VID to the A9 pin,
as for ID Read Mode, and setting the block address = A0 = A6 = VIL and A1 = VIH. If the block is protected, 01H is
output. If the block is unprotected, 00H is output.


Similar Part No. - TC58FVB160AFT-70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVB160AFT-70 TOSHIBA-TC58FVB160AFT-70 Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
More results

Similar Description - TC58FVB160AFT-70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com