Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP14U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EP14U
Description  2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP14U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EP14U Datasheet HTML 1Page - Micrel Semiconductor SY100EP14U Datasheet HTML 2Page - Micrel Semiconductor SY100EP14U Datasheet HTML 3Page - Micrel Semiconductor SY100EP14U Datasheet HTML 4Page - Micrel Semiconductor SY100EP14U Datasheet HTML 5Page - Micrel Semiconductor SY100EP14U Datasheet HTML 6Page - Micrel Semiconductor SY100EP14U Datasheet HTML 7Page - Micrel Semiconductor SY100EP14U Datasheet HTML 8Page - Micrel Semiconductor SY100EP14U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Precision Edge™
SY100EP14U
Micrel
Symbol
Rating
Value
Unit
VCC – VEE
Power Supply Voltage
6.0
V
VIN
Input Voltage (VCC = 0V, VIN not more negative than VEE)
–6.0 to 0
V
Input Voltage (V
EE = 0V, VIN not more positive than VCC)
+6.0 to 0
IOUT
Output Current
–Continuous
50
mA
–Surge
100
IBB
V
BB Sink/Source Current
(2)
±0.5
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–65 to +150
°C
ESD
Mil Std. 883 Human Body Model, All Pins
>1.5k
V
θ
JA
Package Thermal Resistance
–Still-Air (single-layer PCB)
115
(Junction-to-Ambient)
–Still-Air (multi-layer PCB)
75
°C/W
–500lfpm (multi-layer PCB)
65
θ
JC
Package Thermal Resistance
21
°C/W
(Junction-to-Case)
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation
is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM
RATlNG conditions for extended periods may affect device reliability.
Note 2.
Due to the limited drive capability, use for inputs of same package only.
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VCC
Power Supply Voltage
V
(PECL)
4.5
5.0
5.5
4.5
5.0
5.5
4.5
5.0
5.5
(LVPECL)
2.37
3.3
3.8
2.37
3.3
3.8
2.37
3.3
3.8
(ECL)
–4.5
–5.0
–5.5
–4.5
–5.0
–5.5
–4.5
–5.0
–5.5
(LVECL)
–3.8
–3.3
–2.37
–3.8
–3.3
–2.37
–3.8
–3.3
–2.37
ICC
Power Supply Current
——
75
68
78
——
82
mA
IIH
Input HIGH Current
——
150
——
150
——
150
µAV
IN = VIH
IIL
Input LOW Current
D
0.5
——
0.5
——
0.5
——
µAV
IN = VIL
/D
–150
——
–150
——
–150
——
µAV
IN = VIL
CIN
Input Capacitance (TSSOP)
———
0.75
————
pF
Note 1.
100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
DC ELECTRICAL CHARACTERISTICS(1)


Similar Part No. - SY100EP14U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP14UK4C MICREL-SY100EP14UK4C Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4CTR MICREL-SY100EP14UK4CTR Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4G MICREL-SY100EP14UK4G Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4GTR MICREL-SY100EP14UK4GTR Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4I MICREL-SY100EP14UK4I Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
More results

Similar Description - SY100EP14U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP14U MICREL-SY100EP14U_10 Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com