Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD50N06-09L Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUD50N06-09L
Description  N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N06-09L Datasheet(HTML) 3 Page - Vishay Siliconix

  SUD50N06-09L Datasheet HTML 1Page - Vishay Siliconix SUD50N06-09L Datasheet HTML 2Page - Vishay Siliconix SUD50N06-09L Datasheet HTML 3Page - Vishay Siliconix SUD50N06-09L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUD50N06-09L
Vishay Siliconix
New Product
Document Number: 72004
S-21714—Rev. A, 07-Oct-02
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0
10203040
50
0
500
1000
1500
2000
2500
3000
3500
4000
0
102030
405060
0.000
0.003
0.006
0.009
0.012
0.015
0
20406080
100
0
20
40
60
80
100
0
1234
5
0
20
40
60
80
100
0
2468
10
0
20
40
60
80
100
120
0
10203040
50
Output Characteristics
Transfer Characteristics
Capacitance
Transconductance
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
25
_C
-55
_C
TC = 125_C
VDS = 30 V
ID = 50 A
VGS = 10 thru 5 V
VGS = 4.5 V
Crss
TC = -55_C
25
_C
125
_C
2 V, 3 V
4 V
VGS = 10 V
Ciss
Coss
ID - Drain Current (A)
Gate Charge


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn