Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50N06-09L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUD50N06-09L
Description  N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N06-09L Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD50N06-09L Datasheet HTML 1Page - Vishay Siliconix SUD50N06-09L Datasheet HTML 2Page - Vishay Siliconix SUD50N06-09L Datasheet HTML 3Page - Vishay Siliconix SUD50N06-09L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUD50N06-09L
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72004
S-21714—Rev. A, 07-Oct-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1.0
2.0
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 48 V, VGS = 0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V, TJ = 125_C
50
mA
DSS
VDS = 48 V, VGS = 0 V, TJ = 175_C
250
m
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
50
A
VGS = 10 V, ID = 20 A
0.0074
0.0093
VGS = 10 V, ID = 20 A, TJ = 125_C
0.016
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 10 V, ID = 20 A, TJ = 175_C
0.020
W
VGS = 4.5 V, ID = 15 A
0.0122
Forward Transconductanceb
gfs
VDS = 15 V, ID = 20 A
S
Dynamic
Input Capacitance
Ciss
2650
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, f = 1 MHz
470
pF
Reverse Transfer Capacitance
Crss
225
Total Gate Chargec
Qg
47
70
Gate-Source Chargec
Qgs
VDS = 30 V, VGS = 10 V, ID = 50 A
10
nC
Gate-Drain Chargec
Qgd
DS
GS
D
12
Turn-On Delay Timec
td(on)
10
20
Rise Timec
tr
VDD = 30 V, RL = 0.6 W
15
25
Turn-Off Delay Timec
td(off)
VDD = 30 V, RL = 0.6 W
ID ^ 50 A, VGEN = 10 V, RG = 2.5 W
35
50
ns
Fall Timec
tf
20
30
Source-Drain Diode Ratings and Characteristics (TC = 25_C)
Pulsed Current
ISM
100
A
Diode Forward Voltage
VSD
IF = 20 A, VGS = 0 V
1.0
1.5
V
Reverse Recovery Time
trr
IF = 20 A, di/dt = 100 A/ms
45
100
ns
Notes:
a.
For design aid only; not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
c.
Independent of operating temperature.


Similar Part No. - SUD50N06-09L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N06-09L VISHAY-SUD50N06-09L Datasheet
199Kb / 4P
   N-Channel 60-V (D-S) 175Celsius MOSFET, Logic Level
Rev. B, 01-May-06
SUD50N06-09L VISHAY-SUD50N06-09L Datasheet
163Kb / 8P
   N-Channel 60 V (D-S), 175 °C MOSFET, Logic Level
Rev. F, 11-Feb-13
logo
Vishay Telefunken
SUD50N06-09L TFUNK-SUD50N06-09L Datasheet
163Kb / 8P
   N-Channel 60 V (D-S), 175 째C MOSFET, Logic Level
logo
Inchange Semiconductor ...
SUD50N06-09L ISC-SUD50N06-09L Datasheet
308Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SUD50N06-09L VISHAY-SUD50N06-09L Datasheet
168Kb / 9P
   N-Channel 60 V (D-S), 175 째C MOSFET, Logic Level
01-Jan-2022
More results

Similar Description - SUD50N06-09L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD15N06-90L VISHAY-SUD15N06-90L Datasheet
60Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. D, 20-Sep-99
SUD25N06-45L VISHAY-SUD25N06-45L Datasheet
79Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. E, 24-Feb-98
SUD10P06-280L VISHAY-SUD10P06-280L Datasheet
46Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. F, 18-Apr-02
SUD45N05-20L VISHAY-SUD45N05-20L Datasheet
71Kb / 4P
   N-Channel 50-V (D-S), 175C MOSFET, Logic Level
Rev. E, 23-Mar-98
logo
Vaishali Semiconductor
SUM40N05-19L VAISH-SUM40N05-19L Datasheet
69Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET, Logic Level
logo
Vishay Siliconix
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
SUP85N06 VISHAY-SUP85N06 Datasheet
49Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. C, 22-Apr-02
SUD50N06-08H VISHAY-SUD50N06-08H Datasheet
177Kb / 3P
   N-Channel 60-V (D-S) 175c MOSFET
20-Oct-04
SUM75N06-09L VISHAY-SUM75N06-09L Datasheet
44Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com