Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65313-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65313-Q1
Description  High-Voltage Power-Management IC for Automotive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65313-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65313-Q1 Datasheet HTML 2Page - Texas Instruments TPS65313-Q1 Datasheet HTML 3Page - Texas Instruments TPS65313-Q1 Datasheet HTML 4Page - Texas Instruments TPS65313-Q1 Datasheet HTML 5Page - Texas Instruments TPS65313-Q1 Datasheet HTML 6Page - Texas Instruments TPS65313-Q1 Datasheet HTML 7Page - Texas Instruments TPS65313-Q1 Datasheet HTML 8Page - Texas Instruments TPS65313-Q1 Datasheet HTML 9Page - Texas Instruments TPS65313-Q1 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(5.7)
40X (0.7)
40X (0.25)
36X (0.5)
9X (
1.23)
(1.43 TYP)
(5.7)
(1.43)
TYP
(R0.05) TYP
4223780 /A 06/2017
VQFNP - 0.9 mm max height
RWG0040B
PLASTIC QUAD FLATPACK - NO LEAD
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
METAL
TYP
BASED ON 0.125 mm THICK STENCIL
SOLDER PASTE EXAMPLE
PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
PAD 41: 70%
SCALE:15X
SYMM
SYMM
1
10
11
20
21
30
31
40
41
8
TPS65313-Q1
SLDS252 – FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65313-Q1
Mechanical, Packaging, and Orderable Information
Copyright © 2018, Texas Instruments Incorporated


Similar Part No. - TPS65313-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
6Mb / 204P
[Old version datasheet]   TPS65313-Q1 Wide-VIN Power-Management IC for Automotive Applications
TPS65313-Q1 TI1-TPS65313-Q1_V01 Datasheet
6Mb / 204P
[Old version datasheet]   TPS65313-Q1 Wide-VIN Power-Management IC for Automotive Applications
More results

Similar Description - TPS65313-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65311-Q1 TI1-TPS65311-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   High-Voltage Power-Management IC for Automotive Safety Applications
TPS65310A-Q1 TI1-TPS65310A-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   High-Voltage Power-Management IC For Automotive Safety Applications
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
   General-Purpose Power Management IC for Automotive Applications
May 23, 2022
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
   Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1_V01 Datasheet
6Mb / 204P
[Old version datasheet]   TPS65313-Q1 Wide-VIN Power-Management IC for Automotive Applications
logo
ON Semiconductor
NCV97400 ONSEMI-NCV97400 Datasheet
791Kb / 28P
   Automotive Multi-Output Power Management IC (PMIC) for Safety Applications
March, 2019 ??Rev. 0
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Analog Devices
ADP2450 AD-ADP2450 Datasheet
1Mb / 39P
   Power Management IC for Circuit Breaker Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com