Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP70QF4161 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # TP70QF4161
Description  CODED SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

TP70QF4161 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  TP70QF4161 Datasheet HTML 1Page - TOCOSAMERICA, INC. TP70QF4161 Datasheet HTML 2Page - TOCOSAMERICA, INC. TP70QF4161 Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
33
TOCOS CODED SWITCHES
TP7
TP70GF484
Coded Switch, Single Shaft, Dual Unit, 4 Circuit,
8 Channel
TP70TF5161
Coded Switch, Single Shaft, Triple Unit, 5 Circuit,
16 Channel
TP70TF5163
High Torque Coded Switch, Single Shaft, Triple Unit,
5 Circuit, 16 Channel
TP70QF4161
Coded Switch, Single Shaft, Quad Unit, 4 Circuit,
16 Channel
Unit: mm


Similar Part No. - TP70QF4161

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
   7.2 x 7.2 mm Sealed Tactile Switches
logo
TiMOTION Technology Co....
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
   Input voltage 100~240V AC
20160623-E
logo
Billiton Ltd.
TP72 ASIC-TP72 Datasheet
146Kb / 7P
   Series voltage differential voltage regulator
logo
TECH PUBLIC Electronics...
TP733 TECHPUBLIC-TP733 Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
TP73318PAQNR TECHPUBLIC-TP73318PAQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
More results

Similar Description - TP70QF4161

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PXS10350 CELDUC-PXS10350 Datasheet
807Kb / 5P
   CODED MAGNETIC SWITCHES
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com