Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9243AEY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9243AEY
Description  Single-Ended Bus Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9243AEY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9243AEY Datasheet HTML 1Page - Vishay Siliconix SI9243AEY Datasheet HTML 2Page - Vishay Siliconix SI9243AEY Datasheet HTML 3Page - Vishay Siliconix SI9243AEY Datasheet HTML 4Page - Vishay Siliconix SI9243AEY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si9243AEY
Vishay Siliconix
Document Number: 70788
S-02936—Rev. D, 22-Jan-01
www.vishay.com
1
Single-Ended Bus Transceiver
FEATURES
D Operating Power Supply Range 6 V v VBAT v 36 V
D Reverse Battery Protection Down to VBAT w –24 V
D Standby Mode With Very Low Current Consumption
IBAT(SB) = 1 mA @ VDD = 0.5 V
D Low Quiescent Current in OFF Condition
IBAT = 120 mA and IDD v 10 mA
D ISO 9141 Compatible
D Overtemperature Shutdown Function For K Output
D Defined K Output OFF for Open GND
D Defined Receive Output Status for Open L or K Inputs
D Defined K Output OFF for TX Input Open
D 2-kV ESD
D Typical Transmit Speeds of 200 kBaud
DESCRIPTION
The Si9243AEY is a monolithic bus transceiver designed to
provide bidirectional serial communication
in automotive
diagnostic applications.
The device incorporates protection against overvoltages and
short circuits to VBAT. The transceiver pin is protected and can be
driven beyond the VBAT voltage.
The RX output is capable of driving CMOS or 1
LSTTL load.
The Si9243AEY is built on the Vishay Siliconix BiC/DMOS
process. This process supports bipolar transistors, CMOS, and
DMOS. An epitaxial layer prevents latchup.
The Si9243AEY is available in a 8-pin SO package and
operates over the automotive temperature range (–40 to
125
_C).
PIN CONFIGURATION AND FUNCTIONAL BLOCK DIAGRAM
TX
RXL
K
L
+
L
+
K
+
VBAT/2
K
Logic and Fault Detect Circuitry
(See State Diagram and Truth Table)
VBAT
VDD
GND
RXK
VDD
VDD
VDD


Similar Part No. - SI9243AEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9243AEY-T1 VISHAY-SI9243AEY-T1 Datasheet
146Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
Si9243AEY-T1 VISHAY-Si9243AEY-T1 Datasheet
161Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
SI9243AEY-T1-E3 VISHAY-SI9243AEY-T1-E3 Datasheet
146Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
Si9243AEY-T1-E3 VISHAY-Si9243AEY-T1-E3 Datasheet
161Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
More results

Similar Description - SI9243AEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9241EY VISHAY-SI9241EY Datasheet
37Kb / 4P
   Single-Ended Bus Transceiver
2002
SI9241A VISHAY-SI9241A_V01 Datasheet
133Kb / 7P
   Single-Ended Bus Transceiver
01-Jan-2022
SI9243 VISHAY-SI9243_V01 Datasheet
159Kb / 7P
   Single-Ended Bus Transceiver
01-Jan-2022
logo
TEMIC Semiconductors
SI9243EY TEMIC-SI9243EY Datasheet
64Kb / 4P
   Single-Ended Bus Transceiver
logo
Vishay Siliconix
SI9241 VISHAY-SI9241 Datasheet
135Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
SI9243 VISHAY-SI9243 Datasheet
161Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
SI9243A VISHAY-SI9243A_11 Datasheet
146Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
SI9241AEY VISHAY-SI9241AEY_01 Datasheet
44Kb / 5P
   Single-Ended Bus Transceiver
Rev. D, 22-Jan-01
SI9241A VISHAY-SI9241A Datasheet
147Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
logo
ATMEL Corporation
U6812B ATMEL-U6812B Datasheet
119Kb / 10P
   Single-ended Bus Transceiver with Triple Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com