Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148G-45SXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62148G-45SXI
Description  4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148G-45SXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62148G-45SXI Datasheet HTML 3Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 4Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 5Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 6Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 7Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 8Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 9Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 10Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Document Number: 001-95415 Rev. *E
Page 7 of 17
CY62148G MoBL®
Data Retention Characteristics
Over the Operating range
Parameter
Description
Conditions
Min
Typ [10]
Max
Unit
VDR
VCC for data retention
1
V
ICCDR[11, 12]
Data retention current
VCC = 1.2 V,
CE1 > VCC  0.2 V or CE2 < 0.2 V,
VIN > VCC  0.2 V or VIN < 0.2 V
––
13
A
tCDR[13, 14]
Chip deselect to data retention
time
0–
ns
tR[14]
Operation recovery time
45/55
ns
Data Retention Waveform
Figure 3. Data Retention Waveform
t CD R
t R
V DR  =  1. 0  V
DA T A   RE T E N T I O N   MO D E
V CC (m in )
V CC (m in )
V CC
CE
Notes
10. Typical values are included only for reference and are not guaranteed or tested. Typical values are measured at VCC = 1.8 V (for VCC range of 1.65 V–2.2 V), VCC =3V
(for VCC range of 2.2 V–3.6 V), and VCC = 5 V (for VCC range of 4.5 V–5.5 V), TA = 25 °C.
11. Chip enables CE must be tied to CMOS levels to meet the ISB1 / ISB2 / ICCDR spec. Other inputs can be left floating.
12. ICCDR is guaranteed only after device is first powered up to VCC(min) and then brought down to VDR.
13. These parameters are guaranteed by design.
14. Full-device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s.


Similar Part No. - CY62148G-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148GN CYPRESS-CY62148GN Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
CY62148GN30 CYPRESS-CY62148GN30 Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
More results

Similar Description - CY62148G-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049G CYPRESS-CY7C1049G Datasheet
526Kb / 19P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62157H CYPRESS-CY62157H Datasheet
384Kb / 20P
   8-Mbit (512K words 횞 16-bit) Static RAM with Error-Correcting Code (ECC)
CY7S1049G CYPRESS-CY7S1049G Datasheet
593Kb / 21P
   4-Mbit (512K words 횞 8 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY7C1041G CYPRESS-CY7C1041G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G CYPRESS-CY7C1069G Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1011G CYPRESS-CY7C1011G Datasheet
578Kb / 17P
   2-Mbit (128K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62168G CYPRESS-CY62168G Datasheet
312Kb / 19P
   16-Mbit (2M words 횞 8 bits) Static RAM with Error-Correcting Code (ECC)
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY7C1061G CYPRESS-CY7C1061G Datasheet
563Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com