Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148G-45SXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62148G-45SXI
Description  4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148G-45SXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62148G-45SXI Datasheet HTML 1Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 2Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 3Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 4Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 5Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 6Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 7Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 8Page - Cypress Semiconductor CY62148G-45SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Document Number: 001-95415 Rev. *E
Page 5 of 17
CY62148G MoBL®
ISB1[6]
Automatic power down
current – CMOS inputs;
VCC = 2.2 V to 3.6 V and
4.5 V to 5.5 V
CE1 > VCC – 0.2 V or CE2 < 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V,
f = fmax (address and data only),
f = 0 (OE, and WE), Max VCC
––
8.7
A
Automatic power down
current – CMOS inputs
VCC = 1.65 V to 2.2 V
––
10
ISB2[6]
Automatic power down
current – CMOS inputs
VCC = 2.2 V to 3.6 V and
4.5 V to 5.5 V
CE1 > VCC – 0.2 V or
CE2 < 0.2 V,
VIN > VCC – 0.2 V or
VIN < 0.2 V,
f = 0, Max VCC
25 °C [7]
–3.5
3.7
A
40 °C [7]
––
4.8
70 °C [7]
––7
85 °C
––
8.7
Automatic power down
current – CMOS inputs
VCC = 1.65 V to 2.2 V
CE1 > VCC – 0.2 V or
CE2 < 0.2 V,
VIN > VCC – 0.2 V or
VIN < 0.2 V,
f = 0, Max VCC
25 °C [7]
–3.5
4.3
40 °C [7]
––5
70 °C [7]
––
7.5
85 °C
10
DC Electrical Characteristics (continued)
Over the operating range of –40
C to 85 C
Parameter
Description
Test Conditions
45 ns / 55 ns
Unit
Min
Typ
Max
Notes
6. Chip enables (CE must be tied to CMOS levels to meet the ISB1 / ISB2 / ICCDR spec. Other inputs can be left floating.
7. The ISB2 limits at 25 °C, 40 °C, 70 °C, and typical limit at 85 °C are guaranteed by design and not 100% tested.


Similar Part No. - CY62148G-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148GN CYPRESS-CY62148GN Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
CY62148GN30 CYPRESS-CY62148GN30 Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
More results

Similar Description - CY62148G-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049G CYPRESS-CY7C1049G Datasheet
526Kb / 19P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62157H CYPRESS-CY62157H Datasheet
384Kb / 20P
   8-Mbit (512K words 횞 16-bit) Static RAM with Error-Correcting Code (ECC)
CY7S1049G CYPRESS-CY7S1049G Datasheet
593Kb / 21P
   4-Mbit (512K words 횞 8 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY7C1041G CYPRESS-CY7C1041G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G CYPRESS-CY7C1069G Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1011G CYPRESS-CY7C1011G Datasheet
578Kb / 17P
   2-Mbit (128K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62168G CYPRESS-CY62168G Datasheet
312Kb / 19P
   16-Mbit (2M words 횞 8 bits) Static RAM with Error-Correcting Code (ECC)
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY7C1061G CYPRESS-CY7C1061G Datasheet
563Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com