Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167GN Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62167GN
Description  16-Mbit (1M16/2M 횞 8) Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167GN Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62167GN Datasheet HTML 2Page - Cypress Semiconductor CY62167GN Datasheet HTML 3Page - Cypress Semiconductor CY62167GN Datasheet HTML 4Page - Cypress Semiconductor CY62167GN Datasheet HTML 5Page - Cypress Semiconductor CY62167GN Datasheet HTML 6Page - Cypress Semiconductor CY62167GN Datasheet HTML 7Page - Cypress Semiconductor CY62167GN Datasheet HTML 8Page - Cypress Semiconductor CY62167GN Datasheet HTML 9Page - Cypress Semiconductor CY62167GN Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Document Number: 001-93628 Rev. *D
Page 6 of 19
CY62167GN MoBL®
Capacitance
Parameter [12]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output capacitance
10
pF
Thermal Resistance
Parameter [12]
Description
Test Conditions
48-ball VFBGA 48-pin TSOP I Unit
JA
Thermal resistance
(junction to ambient)
Still air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
31.50
57.99
°C/W
JC
Thermal resistance
(junction to case)
15.75
13.42
°C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms
VHIGH
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
VTH
Equivalent to: THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Parameters
1.8 V
2.5 V
3.0 V
5.0 V
Unit
R1
13500
16667
1103
1800
R2
10800
15385
1554
990
RTH
6000
8000
645
639
VTH
0.80
1.20
1.75
1.77
V
VHIGH
1.8
2.5
3.0
5.0
V
Note
12. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62167GN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY62167G30 CYPRESS-CY62167G30 Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
More results

Similar Description - CY62167GN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069GN CYPRESS-CY7C1069GN Datasheet
1Mb / 15P
   16-Mbit (2M 횞 8) Static RAM
CY7C10612G CYPRESS-CY7C10612G Datasheet
455Kb / 19P
   16-Mbit (1M 횞 16) Static RAM
CY7C1061GN CYPRESS-CY7C1061GN Datasheet
1Mb / 21P
   16-Mbit (1M words 횞 16 bit) Static RAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY62167E CYPRESS-CY62167E_10 Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_12 Datasheet
360Kb / 19P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33_11 Datasheet
329Kb / 11P
   16-Mbit (1 M 횞 16) Static RAM
CY62167DV30LL-55BVXIT CYPRESS-CY62167DV30LL-55BVXIT Datasheet
460Kb / 17P
   16-Mbit (1 M 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com