Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24292LFXIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY24292LFXIT
Description  Four Outputs PCI-Express Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24292LFXIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY24292LFXIT Datasheet HTML 6Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 7Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 8Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 9Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 10Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 11Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 12Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 13Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CY24292
Document Number: 001-46142 Rev. *G
Page 10 of 20
Absolute Maximum Ratings
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
–0.5
4.6
V
VIN
Input voltage
Relative to VSS
–0.5
VDD + 0.5
V
TS
Temperature, Storage
Non Operating
–65
150
°C
TJ
Temperature, Junction
125
°C
ESDHBM
ESD Protection (Human Body
Model)
JEDEC EIA/JESD22-A114-E
2000
V
UL-94
Flammability rating
V-0 at 1/8 in.
MSL
Moisture sensitivity level
3
Recommended Operation Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Supply voltage
3.0–3.6
V
TAC
Commercial ambient temperature
0–
70
°C
TAI
Industrial ambient temperature
–40
85
°C
tPU
Power up time for all VDD to reach minimum specified voltage (power
ramps must be monotonic)
0.05
500
ms
tPD
Minimum pulse width of PD_RESET# input
100
ns
VSMB
SMBus Voltage
3.0–3.6
V
RREFTOL
Tolerance on the 475
RREF resistor that sets output currents on
100MHz ports
––
1%


Similar Part No. - CY24292LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24292LFXIT CYPRESS-CY24292LFXIT Datasheet
736Kb / 19P
   25 MHz Crystal or Clock Input
More results

Similar Description - CY24292LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
   Two Outputs PCI-Express Clock Generator
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
   PCI Express™ Clock Generator
Revision C, July 15, 2016
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com