Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24292LFXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY24292LFXIT
Description  Four Outputs PCI-Express Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24292LFXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY24292LFXIT Datasheet HTML 1Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 2Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 3Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 4Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 5Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 6Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 7Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 8Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CY24292
Four Outputs PCI-Express Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-46142 Rev. *G
Revised June 27, 2017
Four Outputs PCI-Express Clock Generator
Features
25 MHz Crystal or Clock Input
Four Differential 100 MHz PCI-Express Clocks
Supports HCSL Compatible Output Levels
One Single-ended 25 MHz Output
Spread Spectrum Capability on all 100 MHz PCI-Express Clock
Outputs
SMBus Interface with Read Back Capability
32-pin QFN Package
Operating Voltage 3.3 V
Commercial and Industrial Operating Temperature Range
Functional Description
CY24292 is a clock generator device intended for PCI-Express
applications. The device includes: four 100 MHz differential
clocks with HCSL Compatible outputs for PCI-Express, and one
single-ended 25 MHz output.
Using a serially programmable SMBus interface, the CY24292
incorporates spread spectrum modulation on all four 100 MHz
outputs. The device incorporates a Lexmark Spread Spectrum
profile for maximum electromagnetic interference (EMI)
reduction. The spread feature or individual outputs can also be
disabled using the SMBus interface.
For a complete list of related documentation, click here.
Logic Block Diagram
(100 MHz)
(100 MHz)
(100 MHz)
(100 MHz)
Clock Buffer/
Crystal
Oscillator
PCIE0N
25M
SCLK
SDATA
PD_RESET#
VDD
= 475 Ohms 1%
GND
PLL Clock
Synthesizer,
Dividers, Buffers
and
Configuration
Logic
R
REF
XIN/EXCLKIN
XOUT
(25 MHz)
PCIE0P
PCIE3P
PCIE2P
PCIE1P
PCIE3N
PCIE2N
PCIE1N
(25 MHz)
REF
I


Similar Part No. - CY24292LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24292LFXIT CYPRESS-CY24292LFXIT Datasheet
736Kb / 19P
   25 MHz Crystal or Clock Input
More results

Similar Description - CY24292LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
   Two Outputs PCI-Express Clock Generator
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
   PCI Express™ Clock Generator
Revision C, July 15, 2016
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com