Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24292LFXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY24292LFXIT
Description  Four Outputs PCI-Express Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24292LFXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY24292LFXIT Datasheet HTML 1Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 2Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 3Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 4Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 5Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 6Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 7Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 8Page - Cypress Semiconductor CY24292LFXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CY24292
Document Number: 001-46142 Rev. *G
Page 5 of 20
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command code – 8-bit ‘00000000’ stands for block
operation
11:18
Command code – 8-bit ‘00000000’ stands for block
operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 – 8 bits
28
Read
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
Data byte N/Slave acknowledge
39:46
Data byte from slave – 8 bits
Data byte N – 8 bits
47
Acknowledge
Acknowledge from slave
48:55
Data byte from slave – 8 bits
Stop
56
Acknowledge
Data bytes from slave/acknowledge
Data byte N from slave – 8 bits
Not acknowledge
Stop
Table 3. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command code – 8 bits ‘1xxxxxxx’ stands for byte
operation, bits[6:0] of bits[6:0] the command code
represents the offset of the byte to be accessed
11:18
Command code – 8 bits ‘1xxxxxxx’ stands for byte
operation, of the command code represents the
offset of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte from master – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read = 1
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not acknowledge
39
Stop


Similar Part No. - CY24292LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24292LFXIT CYPRESS-CY24292LFXIT Datasheet
736Kb / 19P
   25 MHz Crystal or Clock Input
More results

Similar Description - CY24292LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
   Two Outputs PCI-Express Clock Generator
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
   PCI Express™ Clock Generator
Revision C, July 15, 2016
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com