Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148G Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62148G
Description  4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148G Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62148G Datasheet HTML 1Page - Cypress Semiconductor CY62148G Datasheet HTML 2Page - Cypress Semiconductor CY62148G Datasheet HTML 3Page - Cypress Semiconductor CY62148G Datasheet HTML 4Page - Cypress Semiconductor CY62148G Datasheet HTML 5Page - Cypress Semiconductor CY62148G Datasheet HTML 6Page - Cypress Semiconductor CY62148G Datasheet HTML 7Page - Cypress Semiconductor CY62148G Datasheet HTML 8Page - Cypress Semiconductor CY62148G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Document Number: 001-95415 Rev. *E
Page 2 of 17
CY62148G MoBL®
Contents
Pin Configurations ........................................................... 3
Product Portfolio .............................................................. 3
Maximum Ratings ............................................................. 4
Operating Range ............................................................... 4
DC Electrical Characteristics .......................................... 4
Capacitance ...................................................................... 6
Thermal Resistance .......................................................... 6
AC Test Loads and Waveforms ....................................... 6
Data Retention Characteristics ....................................... 7
Data Retention Waveform ................................................ 7
AC Switching Characteristics ......................................... 8
Switching Waveforms ...................................................... 9
Truth Table – CY62148G ................................................ 12
Ordering Information ...................................................... 13
Ordering Code Definitions ......................................... 13
Package Diagrams .......................................................... 14
Acronyms ........................................................................ 15
Document Conventions ................................................. 15
Units of Measure ....................................................... 15
Document History Page ................................................. 16
Sales, Solutions, and Legal Information ...................... 17
Worldwide Sales and Design Support ....................... 17
Products .................................................................... 17
PSoC®Solutions ....................................................... 17
Cypress Developer Community ................................. 17
Technical Support ..................................................... 17


Similar Part No. - CY62148G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148GN CYPRESS-CY62148GN Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
CY62148GN30 CYPRESS-CY62148GN30 Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
More results

Similar Description - CY62148G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049G CYPRESS-CY7C1049G Datasheet
526Kb / 19P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62157H CYPRESS-CY62157H Datasheet
384Kb / 20P
   8-Mbit (512K words 횞 16-bit) Static RAM with Error-Correcting Code (ECC)
CY7S1049G CYPRESS-CY7S1049G Datasheet
593Kb / 21P
   4-Mbit (512K words 횞 8 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY7C1041G CYPRESS-CY7C1041G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G CYPRESS-CY7C1069G Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1011G CYPRESS-CY7C1011G Datasheet
578Kb / 17P
   2-Mbit (128K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62168G CYPRESS-CY62168G Datasheet
312Kb / 19P
   16-Mbit (2M words 횞 8 bits) Static RAM with Error-Correcting Code (ECC)
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY7C1061G CYPRESS-CY7C1061G Datasheet
563Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com