Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-28-0605 Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # C-28-0605
Description  Vacuum Fluorescent Character Display Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

C-28-0605 Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  C-28-0605 Datasheet HTML 1Page - Newhaven Display International, Inc. C-28-0605 Datasheet HTML 2Page - Newhaven Display International, Inc. C-28-0605 Datasheet HTML 3Page - Newhaven Display International, Inc. C-28-0605 Datasheet HTML 4Page - Newhaven Display International, Inc. C-28-0605 Datasheet HTML 5Page - Newhaven Display International, Inc. C-28-0605 Datasheet HTML 6Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C-28-0605
Electrical Characteristics
Item
Symbol
Test Condition
Min.
Typical
Max.
Unit
Filament Current
If
Ef = 3.5 Vac
112.5
125.0
137.5
mAac
-
eb = ec = 0
-
-
-
-
Anode Current
ib/1,2,3,4G
Ef = 3.5 Vac
-
8.0
16.0
mAp-p
ib/5,6G
eb = 25.0 Vp-p
-
10.0
20.0
mAp-p
-
ec = 25.0 Vp-p
-
-
-
mAp-p
-
Du = 1/9
-
-
-
mAp-p
-
tp = 100 uS
-
-
-
mAp-p
Grid Current
ic/1,2,3,4G
-
8.5
17.0
mAp-p
ic/5,6G
-
11.0
22.0
mAp-p
-
-
-
-
mAp-p
-
-
-
-
mAp-p
-
-
-
-
mAp-p
L(G)
350
700
-
cd/m
2
(102)
(204)
(fL)
Luminance
L(R)
35
70
cd/m
2
(10)
(20)
(fL)
L(Y)
60
120
cd/m
2
(17)
(34)
(fL)
Lmin/Lmax
Luminance Ratio
50
-
-
%
Ecco
Ef = 3.5 Vac
Grid Cut-off Voltage
Eb = 25.0 Vdc
-4.5
-
-
Vdc
Ebco
Ef = 3.5 Vac
Anode Cut-off Voltage
ec = 25.0 Vp-p
-4.5
-
-
Vdc
Du = 1/9
tp = 100 uS
-2-


Similar Part No. - C-28-0605

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
C-28-0704 NEWHAVEN-C-28-0704 Datasheet
200Kb / 6P
   Vacuum Fluorescent Character Display Module
More results

Similar Description - C-28-0605

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
C-29-1201 NEWHAVEN-C-29-1201 Datasheet
222Kb / 6P
   Vacuum Fluorescent Character Display Module
C-33-1305 NEWHAVEN-C-33-1305 Datasheet
171Kb / 6P
   Vacuum Fluorescent Character Display Module
C-20-1003FN NEWHAVEN-C-20-1003FN Datasheet
574Kb / 7P
   Vacuum Fluorescent Character Display Module
C-25-0708 NEWHAVEN-C-25-0708 Datasheet
178Kb / 6P
   Vacuum Fluorescent Character Display Module
C-25-0104 NEWHAVEN-C-25-0104 Datasheet
662Kb / 5P
   Vacuum Fluorescent Character Display Module
C-20-0503F NEWHAVEN-C-20-0503F Datasheet
740Kb / 6P
   Vacuum Fluorescent Character Display Module
C-25-0629 NEWHAVEN-C-25-0629 Datasheet
708Kb / 5P
   Vacuum Fluorescent Character Display Module
C-58-0601 NEWHAVEN-C-58-0601 Datasheet
897Kb / 7P
   Vacuum Fluorescent Character Display Module
C-28-0704 NEWHAVEN-C-28-0704 Datasheet
200Kb / 6P
   Vacuum Fluorescent Character Display Module
C-29-1002FN NEWHAVEN-C-29-1002FN Datasheet
756Kb / 7P
   Vacuum Fluorescent Character Display Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com