Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1IZ-0940000000000 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # L1IZ-0940000000000
Description  High power infrared emitters enabling the next level of design flexibility
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1IZ-0940000000000 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button L1IZ-0940000000000 Datasheet HTML 7Page - Lumileds Lighting Company L1IZ-0940000000000 Datasheet HTML 8Page - Lumileds Lighting Company L1IZ-0940000000000 Datasheet HTML 9Page - Lumileds Lighting Company L1IZ-0940000000000 Datasheet HTML 10Page - Lumileds Lighting Company L1IZ-0940000000000 Datasheet HTML 11Page - Lumileds Lighting Company L1IZ-0940000000000 Datasheet HTML 12Page - Lumileds Lighting Company L1IZ-0940000000000 Datasheet HTML 13Page - Lumileds Lighting Company L1IZ-0940000000000 Datasheet HTML 14Page - Lumileds Lighting Company L1IZ-0940000000000 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS190 LUXEON IR Compact Line Product Datasheet 20180109 ©2018 Lumileds Holding B.V. All rights reserved.
10
Peak Wavelength Bins
Table 5. Peak wavelength bins for LUXEON IR Compact Line at 1000mA, T
j=25°C .
BIN
PEAK WAVELENGTH [1] (nm)
MINIMUM
MAXIMUM
8J
840
845
8K
845
850
8L
850
855
8M
855
860
8N
860
865
8P
865
870
8Q
870
875
9F
925
930
9G
930
935
9H
935
940
9J
940
945
9K
945
950
9L
950
955
9M
955
960
Notes for Table 5:
1. Lumileds maintains a tolerance of ±0.5nm on peak wavelength measurements.
Forward Voltage Bins
Table 6. Forward voltage bin definitions for LUXEON IR Compact Line at 1000mA, T
j=25°C .
BIN
FORWARD VOLTAGE [1] (V
f)
MINIMUM
MAXIMUM
C
2.0
2.5
D
2.5
3.0
E
3.0
3.5
F
3.5
4.0
Notes for Table 6:
1. Lumileds maintains a tolerance of ±1% on forward voltage measurements.


Similar Part No. - L1IZ-0940000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1IZ-0940000000000 LUMILEDS-L1IZ-0940000000000 Datasheet
1Mb / 2P
   High power infrared emitters enabling the next level of design flexibility
More results

Similar Description - L1IZ-0940000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB190 LUMILEDS-PB190 Datasheet
1Mb / 2P
   High power infrared emitters enabling the next level of design flexibility
logo
PHOENIX CONTACT
1019720 PHOENIX-1019720 Datasheet
63Kb / 4P
   High degree of application flexibility, thanks to the modular housing design
1019749 PHOENIX-1019749 Datasheet
64Kb / 4P
   High degree of application flexibility, thanks to the modular housing design
logo
Lumileds Lighting Compa...
WP18 LUMILEDS-WP18 Datasheet
419Kb / 4P
   Provide a new level of luminaire performance and design flexibility.
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17515 MAXIM-MAXM17515 Datasheet
2Mb / 15P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
logo
OSRAM GmbH
SFH-4516 OSRAM-SFH-4516 Datasheet
183Kb / 11P
   GaAs Infrared Emitters
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
   High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
MAXM17516 MAXIM-MAXM17516 Datasheet
569Kb / 14P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com