Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS189 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # DS189
Description  Double the flux in the same form factor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS189 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button DS189 Datasheet HTML 6Page - Lumileds Lighting Company DS189 Datasheet HTML 7Page - Lumileds Lighting Company DS189 Datasheet HTML 8Page - Lumileds Lighting Company DS189 Datasheet HTML 9Page - Lumileds Lighting Company DS189 Datasheet HTML 10Page - Lumileds Lighting Company DS189 Datasheet HTML 11Page - Lumileds Lighting Company DS189 Datasheet HTML 12Page - Lumileds Lighting Company DS189 Datasheet HTML 13Page - Lumileds Lighting Company DS189 Datasheet HTML 14Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS189 LUXEON CoB Core Range – High Density Product Datasheet 20180322 ©2018 Lumileds Holding B.V. All rights reserved.
10
Color Bin Definitions
Table 5. 3-step MacAdam ellipse color bin definitions for LUXEON CoB Core Range – High Density.
nomInal cct
color sPace
center PoInt [1]
(cx, cy)
maJor aXIs,
a
mInor aXIs,
b
ellIPse rotatIon
angle, θ
2200K
Single 3-step MacAdam ellipse
(0.5020, 0.4155)
0.00862
0.00397
49.30°
2700K
Single 3-step MacAdam ellipse
(0.4578, 0.4101)
0.00810
0.00420
53.70°
3000K
Single 3-step MacAdam ellipse
(0.4338, 0.4030)
0.00834
0.00408
53.20°
3200K
Single 3-step MacAdam ellipse
(0.4232, 0.3991)
0.00834
0.00408
53.20°
3500K
Single 3-step MacAdam ellipse
(0.4073, 0.3917)
0.00927
0.00414
54.00°
4000K
Single 3-step MacAdam ellipse
(0.3818, 0.3797)
0.00939
0.00402
53.70°
5000K
Single 3-step MacAdam ellipse
(0.3447, 0.3553)
0.00822
0.00354
59.60°
5700K
Single 3-step MacAdam ellipse
(0.3287, 0.3417)
0.00745
0.00320
59.09°
6500K
Single 3-step MacAdam ellipse
(0.3123, 0.3282)
0.00669
0.00285
58.57°
Notes for Table 5:
1. Lumileds maintains a tolerance of ±0.005 on x and y coordinates in the CIE 1931 color space.
Figure 7 . 3-step MacAdam ellipse illustration for Table 5 .


Similar Part No. - DS189

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DS18 BANNER-DS18 Datasheet
751Kb / 5P
   DS18 Series Sensors
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
   Dual Inverting Log Gain/Attenuator
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
Dallas Semiconductor
DS1801E DALLAS-DS1801E Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
More results

Similar Description - DS189

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB189 LUMILEDS-PB189 Datasheet
1Mb / 2P
   Double the flux in the same form factor
logo
List of Unclassifed Man...
MINI-M4 ETC2-MINI-M4 Datasheet
1Mb / 16P
   The whole Stellaris짰 development board fitted in DIP40 form factor, containing powerful LX4F320H5QR microcontroller.
logo
Semikron International
SK75TAE SEMIKRON-SK75TAE Datasheet
794Kb / 3P
   Thyristor and Diode separated in the same housing
logo
STMicroelectronics
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
   The STEVAL-ISV002V2 demonstration board is the same
logo
Lumileds Lighting Compa...
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
DS163 LUMILEDS-DS163 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
L1V1-407003VX00000 LUMILEDS-L1V1-407003VX00000 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
   High-gain in a small form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
   Compact form factor
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com