Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM39LV040-70VCE Datasheet(PDF) 4 Page - PMC-Sierra, Inc

Part # PM39LV040-70VCE
Description  512 Kbit / 1Mbit / 2Mbit / 4Mbit 3.0 Volt-only CMOS Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39LV040-70VCE Datasheet(HTML) 4 Page - PMC-Sierra, Inc

  PM39LV040-70VCE Datasheet HTML 1Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 2Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 3Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 4Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 5Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 6Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 7Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 8Page - PMC-Sierra, Inc PM39LV040-70VCE Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Programmable Microelectronics Corp.
Issue Date: December, 2003 Rev: 1.2
PMC
Pm39LV512 / Pm39LV010 / Pm39LV020 / Pm39LV040
4
PIN DESCRIPTIONS
L
O
B
M
Y
SE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
A
-
0
A
S
M
)
1
(
T
U
P
N
I
y
ll
a
n
r
e
t
n
i
e
r
a
s
e
s
s
e
r
d
d
A
.
t
u
p
n
i
s
e
s
s
e
r
d
d
a
y
r
o
m
e
m
r
o
F
:
s
t
u
p
n
I
s
s
e
r
d
d
A
.
e
l
c
y
c
e
t
i
r
w
a
g
n
i
r
u
d
#
E
W
f
o
e
g
d
e
g
n
il
l
a
f
e
h
t
n
o
d
e
h
c
t
a
l
#
E
CT
U
P
N
I
r
o
f
s
e
i
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
s
'
e
c
i
v
e
d
e
h
t
s
e
t
a
v
i
t
c
a
w
o
l
s
e
o
g
#
E
C
:
e
l
b
a
n
E
p
i
h
C
o
t
n
i
s
e
h
c
t
i
w
s
d
n
a
e
c
i
v
e
d
e
h
t
s
t
c
e
l
e
s
e
d
h
g
i
h
s
e
o
g
#
E
C
.
n
o
i
t
a
r
e
p
o
e
c
i
v
e
d
.
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
p
e
h
t
e
c
u
d
e
r
o
t
e
d
o
m
y
b
d
n
a
t
s
#
E
WT
U
P
N
I
.
w
o
l
e
v
i
t
c
a
s
i
#
E
W
.
n
o
i
t
a
r
e
p
o
e
t
i
r
w
r
o
f
e
c
i
v
e
d
e
h
t
e
t
a
v
i
t
c
A
:
e
l
b
a
n
E
e
t
i
r
W
#
E
OT
U
P
N
I
#
E
O
.
e
l
c
y
c
d
a
e
r
a
g
n
i
r
u
d
s
r
e
f
f
u
b
t
u
p
t
u
o
s
'
e
c
i
v
e
d
e
h
t
l
o
r
t
n
o
C
:
e
l
b
a
n
E
t
u
p
t
u
O
.
w
o
l
e
v
i
t
c
a
s
i
7
O
/
I
-
0
O
/
I
/
T
U
P
N
I
T
U
P
T
U
O
a
t
a
d
t
u
p
t
u
o
r
o
e
l
c
y
c
e
t
i
r
w
a
g
n
i
r
u
d
a
t
a
d
/
d
n
a
m
m
o
c
t
u
p
n
I
:
s
t
u
p
t
u
O
/
s
t
u
p
n
I
a
t
a
D
.
d
e
l
b
a
s
i
d
e
r
a
#
E
O
n
e
h
w
e
t
a
t
s
-
i
r
t
o
t
t
a
o
l
f
s
n
i
p
O
/
I
e
h
T
.
e
l
c
y
c
d
a
e
r
a
g
n
i
r
u
d
V
C
C
y
l
p
p
u
S
r
e
w
o
P
e
c
i
v
e
D
D
N
Gd
n
u
o
r
G
C
Nn
o
i
t
c
e
n
n
o
C
o
N
Note:
1.
AMS is the most significant address where AMS = A15 for Pm39LV512, A16 for Pm39LV010, A17 for
Pm39LV020, and A18 for Pm39LV040.


Similar Part No. - PM39LV040-70VCE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39LV040-70VCE

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
AMIC Technology
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A25L512 AMICC-A25L512_15 Datasheet
559Kb / 43P
   2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com