Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPL563-OCA Datasheet(PDF) 5 Page - TT Electronics.

Part # OPL563-OCA
Description  Photologic Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPL563-OCA Datasheet(HTML) 5 Page - TT Electronics.

  OPL563-OCA Datasheet HTML 1Page - TT Electronics. OPL563-OCA Datasheet HTML 2Page - TT Electronics. OPL563-OCA Datasheet HTML 3Page - TT Electronics. OPL563-OCA Datasheet HTML 4Page - TT Electronics. OPL563-OCA Datasheet HTML 5Page - TT Electronics. OPL563-OCA Datasheet HTML 6Page - TT Electronics. OPL563-OCA Datasheet HTML 7Page - TT Electronics. OPL563-OCA Datasheet HTML 8Page - TT Electronics. OPL563-OCA Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OPL530, OPL531, OPL535, OPL536, OPL550,
OPL551, OPL560, OPL561, OPL562, OPL563
Issue C
09/2016
Page 5
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Input Diode
Supply Voltage (VCC)
OPL530, OPL530-OC, OPL536-OC,
OPL550
OPL560, OPL561, OPL562, OPL563
18 V
10 V
18 V
Operating Temperature Range
-40° C to + 85° C
Storage Temperature Range
-40° C to + 100° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron]
260°C
Sourcing Current
OPL560, OPL561, OPL562, OPL563
10 mA
Power Dissipation
OPL530, OPL530-OC, OPL536-OC
OPL550, OPL560, OPL561, OPL562, OPL563
90 mW
200 mW
(2)
Sinking Current
OPL530, OPL530-OC, OPL536-OC
OPL550
OPL560, OPL561, OPL562, OPL563
50 mA
-
50 mA
Voltage at Output Lead
(4)
OPL530, OPL530-OC, OPL536-OC
OPL550-OC, OPL551-OC
OPL561-OC, OPL562-OC, OPL563-OC
35 V
35 V
35 V
Duration of Output Short to VCC or Ground
OP550
1 second
Duration of Output Short to VCC
OPL550-OC, OPL551-OC
OPL560, OPL561, OPL562, OPL563, OPL561-OC, OPL562-OC, OPL563-OC
1 second
1 second
Low Level Output Current
OPL550, OPL551 Series
16 mA
High Level Output Current
OPL550, OPL551 Series
1 mA
Irradiance
OPL550, OPL551 Series
OPL560, OPL561, OPL561-OC
OPL562, OPL562-OC, OPL563, OPL563-OC
10 mW/cm
2
9 mW/cm
3 mW/cm
2
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering. For OPL530, OPL530-OC, OPL531, OPL531-OC,
OPL535, OPL535-OC, OPL536 and OPL536-OC, a maximum of 20 grams force may be applied to leads while at soldering temperatures.
(2)
Derate linearly 2.67 mW/°C above 70° C for OPL530, OPL530-OC, OPL531, OPL531-OC, OPL535, OPL535-OC, OPL536 and OPL536-OC. De-
rate linearly 2.5 mW/° C above 25° C for all devices in the OPL550, OPL551, OPL560, OPL561, OPL562 and OPL563 series.
(3)
Irradiance measurements are made with λi = 935 nm.
(4)
This applies to OC versions only. For ICC on pull-up versions, add VCC/10 KΩ.


Similar Part No. - OPL563-OCA

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL563-OC OPTEK-OPL563-OC Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
More results

Similar Description - OPL563-OCA

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL820 OPTEK-OPL820 Datasheet
403Kb / 3P
   Photologic Hermetic Sensor
OPB715 OPTEK-OPB715 Datasheet
228Kb / 2P
   Photologic Reflective Object Sensor
logo
TT Electronics.
OPB760 TTELEC-OPB760 Datasheet
398Kb / 7P
   Photologic Reflective Object Sensor
OPB715 TTELEC-OPB715 Datasheet
961Kb / 4P
   Photologic Reflective Obiect Sensor
logo
OPTEK Technologies
OPI1290 OPTEK-OPI1290 Datasheet
151Kb / 2P
   Fiber Optic Isolator-Photologic Sensor
OPL550 OPTEK-OPL550 Datasheet
146Kb / 4P
   PHOTOLOGIC PLASTIC SENSORS
OPL530 OPTEK-OPL530 Datasheet
503Kb / 2P
   Photologic Sensors
OPL535 OPTEK-OPL535 Datasheet
427Kb / 2P
   Photologic Sensors
OPB685 OPTEK-OPB685 Datasheet
534Kb / 4P
   Photologic Optical Flag Switch
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com