Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPL563 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPL563
Description  Photologic Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPL563 Datasheet(HTML) 4 Page - TT Electronics.

  OPL563 Datasheet HTML 1Page - TT Electronics. OPL563 Datasheet HTML 2Page - TT Electronics. OPL563 Datasheet HTML 3Page - TT Electronics. OPL563 Datasheet HTML 4Page - TT Electronics. OPL563 Datasheet HTML 5Page - TT Electronics. OPL563 Datasheet HTML 6Page - TT Electronics. OPL563 Datasheet HTML 7Page - TT Electronics. OPL563 Datasheet HTML 8Page - TT Electronics. OPL563 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OPL530, OPL531, OPL535, OPL536, OPL550,
OPL551, OPL560, OPL561, OPL562, OPL563
Issue C
09/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
OPL530, OPL531A,
OPL535A, OPL535B, OPL536, OPL536A
VCC
OUT
GND
VCC
OUT
GND
VCC
OUT
GND
VCC
OUT
GND
OPL530, OPL535A/535B 10K Pull-Up
OPL531A, OPL536/536A Inverted 10K Pull-Up


Similar Part No. - OPL563

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL563 OPTEK-OPL563 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
OPL563 OPTEK-OPL563 Datasheet
434Kb / 8P
   Choice of four output options in low-cost side-looking package
OPL563-OC OPTEK-OPL563-OC Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
More results

Similar Description - OPL563

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL820 OPTEK-OPL820 Datasheet
403Kb / 3P
   Photologic Hermetic Sensor
OPB715 OPTEK-OPB715 Datasheet
228Kb / 2P
   Photologic Reflective Object Sensor
logo
TT Electronics.
OPB760 TTELEC-OPB760 Datasheet
398Kb / 7P
   Photologic Reflective Object Sensor
OPB715 TTELEC-OPB715 Datasheet
961Kb / 4P
   Photologic Reflective Obiect Sensor
logo
OPTEK Technologies
OPI1290 OPTEK-OPI1290 Datasheet
151Kb / 2P
   Fiber Optic Isolator-Photologic Sensor
OPL550 OPTEK-OPL550 Datasheet
146Kb / 4P
   PHOTOLOGIC PLASTIC SENSORS
OPL530 OPTEK-OPL530 Datasheet
503Kb / 2P
   Photologic Sensors
OPL535 OPTEK-OPL535 Datasheet
427Kb / 2P
   Photologic Sensors
OPB685 OPTEK-OPB685 Datasheet
534Kb / 4P
   Photologic Optical Flag Switch
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com