Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGV Datasheet(PDF) 2 Page - Lumberg

Part # SGV
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

SGV Datasheet(HTML) 2 Page - Lumberg

  SGV_18 Datasheet HTML 1Page - Lumberg SGV_18 Datasheet HTML 2Page - Lumberg SGV_18 Datasheet HTML 3Page - Lumberg SGV_18 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
03 SGV
01/2018
2
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Insulating body
PA GF, V-0 according to UL94
Contact pin
CuZn, silver-plated and flash gold-
plated (3-8 poles)
CuZn, pre-nickel and gold-
plated (12 poles)
Housing
Zn diecast, pre-copper and nickel-
plated
Ring screw
CuZn, nickel-plated
Mechanical data
Protection class
IP40 1
1
according to IEC DIN EN 60529, only in locked condition with an appropriate counterpart
Connectable conductors for solder area
Section
≤ 0.75 mm² (AWG 20)
(3-8 poles)
≤ 0.25 mm² (AWG 24)
(12 poles)
Electrical data (at Tamb 20 °C)
Rated current
5 A (Tamb 40 °C, 3-8 poles)
3 A (Tamb 40 °C, 12 poles)
Rated voltage
with pollution degree 1:
300 V (versions 30, 40, 50/6, 60, 70)
100 V (versions 50, 71, 80, 81)
160 V (Polbild 120)
with pollution degree 2:
250 V (versions 30, 40)
32 V (versions 50, 71, 80, 81)
160 V (versions 50/6, 60, 70, 120)
Rated impulse voltage
1500 V (versions 30, 40, 50/6, 60,
70, 120)
500 V (versions 50, 71, 80, 81)
Material group
II (IEC)/1 (UL) (CTI ≥ 550)
Overvoltage category
I
Insulation resistance
> 100 MΩ
Associated products
Counterparts
KV
KV ...-8
WKV
Accessories
0383
038399
0384
of 4


Similar Part No. - SGV_18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGV01G72A1BG1SA-BB[W]RT ETC-SGV01G72A1BG1SA-BB[W]RT Datasheet
869Kb / 17P
   1024MB DDR3 . SDRAM ECC XR-DIMMTM
SGV01G72A1BG1SA-CC[W]RT ETC-SGV01G72A1BG1SA-CC[W]RT Datasheet
869Kb / 17P
   1024MB DDR3 . SDRAM ECC XR-DIMMTM
logo
Lumberg
SGV71 LUMBERG-SGV71 Datasheet
117Kb / 2P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9, IP 40
SGV81 LUMBERG-SGV81 Datasheet
117Kb / 2P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9, IP 40
logo
RUBYCON CORPORATION
SGV RUBYCON-SGV_15 Datasheet
196Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - SGV_18

ManufacturerPart #DatasheetDescription
logo
Lumberg
0306 LUMBERG-0306 Datasheet
461Kb / 5P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0308C02 LUMBERG-0308C02 Datasheet
187Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0314-1 LUMBERG-0314-1 Datasheet
444Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0315-2 LUMBERG-0315-2 Datasheet
381Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0316-1 LUMBERG-0316-1 Datasheet
492Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0316-2 LUMBERG-0316-2 Datasheet
459Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0317 LUMBERG-0317 Datasheet
724Kb / 5P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0322-1 LUMBERG-0322-1 Datasheet
520Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0332 LUMBERG-0332_18 Datasheet
600Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0380 LUMBERG-0380_18 Datasheet
488Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SV30 LUMBERG-SV30 Datasheet
560Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com