Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPL811-OC Datasheet(PDF) 8 Page - TT Electronics.

Part # OPL811-OC
Description  Photologic Hermetic Sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPL811-OC Datasheet(HTML) 8 Page - TT Electronics.

Back Button OPL811-OC Datasheet HTML 4Page - TT Electronics. OPL811-OC Datasheet HTML 5Page - TT Electronics. OPL811-OC Datasheet HTML 6Page - TT Electronics. OPL811-OC Datasheet HTML 7Page - TT Electronics. OPL811-OC Datasheet HTML 8Page - TT Electronics. OPL811-OC Datasheet HTML 9Page - TT Electronics. OPL811-OC Datasheet HTML 10Page - TT Electronics. OPL811-OC Datasheet HTML 11Page - TT Electronics. OPL811-OC Datasheet HTML 12Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
08/2016
Page 8
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
sensors@ttelectronics.com | www.ttelectronics.com
OPL800, OPL800-OC, OPL801, OPL801-OC, OPL810,
OPL810-OC, OPL811, OPL811-OC, OPL812-OC, OPL813-
OC, OPL820, OPL820-OC, OPL821-OC
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
VOH
High Level Output Voltage
OPL800
OPL801
OPL810
OPL811
OPL820-OC/821-OC
2.4
2.4
VCC-2.1
VCC-2.1
VCC-1.5
-
-
-
-
-
-
-
-
-
-
VCC
V
V
V
V
V
IOH = -800 µA, Ee = 1 mW/cm
2
IOH = -800 µA, Ee = 0
IOH = -1mA, Ee = 0.4 mW/cm
2
IOH = -1mA, Ee = 0
IOH = -100 µA
(4)
VOL
Low Level Output Voltage
OPL800/800-OC
OPL801/801-OC
OPL810/810-OC
OPL811/811-OC
OPL812-OC
OPL813-OC
OPL820
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.4
0.4
0.4
0.4
0.4
0.4
0.4
V
V
V
V
V
V
V
IOL = 12.8 mA, Ee = 0
IOL = 12.8 mA, Ee = 1 mW/cm
2
IOL = 16 mA, Ee = 0
IOL = 16 mA, Ee = 0.4 mW/cm
2
IOL = 16 mA, Ee = 0
IOL = 16 mA, Ee = 0.2 mW/cm
2
IOL = 16 mA
(5)
IOH
High Level Output Current
OPL800-OC
OPL801-OC
OPL810-OC
OPL811-OC
OPL812-OC
OPL813-OC
-
-
-
-
-
-
-
-
-
-
-
-
100
100
100
100
100
100
µA
µA
µA
µA
µA
µA
VOH = 30 V, Ee = 2 mW/cm
2
VOH = 30 V, Ee = 0
VOH = 30 V, Ee = 0.4 mW/cm
2
VOH = 30 V, Ee = 0
VOH = 30 V, Ee = 0.2 mW/cm
2
VOH = 30 V, Ee = 0
IOS
Short Circuit Output Current
OPL800
OPL801
-20
-
-100
mA
mA
Ee = 1 mW/cm
2, Output = GND
Ee = 0, Output = GND


Similar Part No. - OPL811-OC

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL811-OC OPTEK-OPL811-OC Datasheet
604Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
More results

Similar Description - OPL811-OC

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL801 OPTEK-OPL801 Datasheet
522Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
OPL810 OPTEK-OPL810 Datasheet
604Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
OPL800 OPTEK-OPL800 Datasheet
344Kb / 2P
   HIGH RELIABILITY PHOTOLOGIC HERMETIC SENSORS
logo
TT Electronics.
OPL800TXV TTELEC-OPL800TXV Datasheet
161Kb / 2P
   High Reliability Photologic Hermetic Sensors
logo
OPTEK Technologies
OPL820 OPTEK-OPL820 Datasheet
403Kb / 3P
   Photologic Hermetic Sensor
OPL530 OPTEK-OPL530 Datasheet
503Kb / 2P
   Photologic Sensors
OPL550 OPTEK-OPL550 Datasheet
146Kb / 4P
   PHOTOLOGIC PLASTIC SENSORS
OPL535 OPTEK-OPL535 Datasheet
427Kb / 2P
   Photologic Sensors
OPL560 OPTEK-OPL560 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
OPB760N OPTEK-OPB760N_06 Datasheet
238Kb / 4P
   Photologic Reflective Object Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com