Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB744WZ Datasheet(PDF) 5 Page - TT Electronics.

Part # OPB744WZ
Description  Reflective Obiect Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB744WZ Datasheet(HTML) 5 Page - TT Electronics.

  OPB744WZ Datasheet HTML 1Page - TT Electronics. OPB744WZ Datasheet HTML 2Page - TT Electronics. OPB744WZ Datasheet HTML 3Page - TT Electronics. OPB744WZ Datasheet HTML 4Page - TT Electronics. OPB744WZ Datasheet HTML 5Page - TT Electronics. OPB744WZ Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPB708 - Output vs Forward Current vs Temp
0.00
0.50
1.00
1.50
2.00
2.50
0.00
5.00
10.00
15.00
20.00 25.00
30.00 35.00
40.00
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
Normalized Collector Current at 20mA and 20°C
OPB708 - Output vs Distance
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00
Distance (inches)
Kodak 90%
Kodak 19%
Copier Paper
Avery Label
Retro Material
Normalized at 0.150" Kodak 90%
0.90
1.00
1.10
1.20
1.30
1.40
1.50
0
5
10
15
20
25
30
35
40
T
yp
ic
a
lF
o
rw
a
rd
V
o
lt
a
g
e
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
LED Forward Voltage vs Forward Current vs
Temperature
Transistor Output vs Distance
Transistor Output vs Forward Current vs
Temperature


Similar Part No. - OPB744WZ

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB744W OPTEK-OPB744W Datasheet
268Kb / 2P
   Reflective Object Sensors
More results

Similar Description - OPB744WZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB715 TTELEC-OPB715 Datasheet
961Kb / 4P
   Photologic Reflective Obiect Sensor
logo
Honeywell Accelerometer...
HOA2498-002 HONEYWELL-ACC-HOA2498-002 Datasheet
419Kb / 4P
   Reflective Sensor
logo
Honeywell Solid State E...
HOA1180 HONEYWELL-HOA1180 Datasheet
329Kb / 2P
   Reflective Sensor
HOA0709-011 HONEYWELL-HOA0709-011 Datasheet
437Kb / 4P
   Reflective Sensor
logo
Honeywell Accelerometer...
HOA1404 HONEYWELL-ACC-HOA1404 Datasheet
441Kb / 4P
   Reflective Sensor
logo
Honeywell Solid State E...
HOA1405 HONEYWELL-HOA1405 Datasheet
387Kb / 4P
   Reflective Sensor
logo
Honeywell Accelerometer...
HOA0709-001 HONEYWELL-ACC-HOA0709-001 Datasheet
437Kb / 4P
   Reflective Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPR5005 OPTEK-OPR5005 Datasheet
191Kb / 2P
   SMD REFLECTIVE SENSOR
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com