Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPL810 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPL810
Description  Photologic Hermetic Sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPL810 Datasheet(HTML) 1 Page - TT Electronics.

  OPL810 Datasheet HTML 1Page - TT Electronics. OPL810 Datasheet HTML 2Page - TT Electronics. OPL810 Datasheet HTML 3Page - TT Electronics. OPL810 Datasheet HTML 4Page - TT Electronics. OPL810 Datasheet HTML 5Page - TT Electronics. OPL810 Datasheet HTML 6Page - TT Electronics. OPL810 Datasheet HTML 7Page - TT Electronics. OPL810 Datasheet HTML 8Page - TT Electronics. OPL810 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
OPL800, OPL800-OC, OPL801, OPL801-OC, OPL810,
OPL810-OC, OPL811, OPL811-OC, OPL812-OC,
OPL813-OC, OPL820, OPL820-OC, OPL821-OC
© TT electronics plc
Issue A
08/2016
Page 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
sensors@ttelectronics.com | www.ttelectronics.com
Description:
All OPL800, OPL801, OPL820 and OPL821 sensors consist of a photodiode, a linear amplifier and a Schmitt trigger on a single
silicon chip (monolithic chip for OPL820 and OPL821). OPL810, OPL811, OPL812 and OPL813 sensors also have a voltage
regulator added to their photologic chips. Each device’s photologic chip is mounted onto a standard TO-18 header and
hermetically sealed in a lensed metal can.
All devices in the series feature TTL/LSTTL compatible logic level output, which can drive up to 8 TTL loads (OPL800, OPL801)
or up to 10 TTL loads (OPL810, OPL811, OPL812, OPL813, OPL820 and OPL821) without additional circuitry. On all these
devices, the Schmitt trigger’s hysteresis characteristics provide high immunity to noise on input and VCC.
OPL800 series devices feature medium-speed data rates to 250 kBaud, with typical rise and fall times of 25 nanoseconds.
OPL800 and OPL801 devices are mechanically and spectrally matched to OP130 and OP231 series LEDs. OPL810, OPL811,
OPL812 and OPL813 devices are mechanically and spectrally matched to OP130 and OP230 series devices. OPL820 and
OPL821 devices are mechanically and spectrally matched to OP130 and OP231 series LEDs.
Applications:
Non-contact reflective object sensor
Assembly line automation
Machine automation
Machine safety
End of travel sensor
Door sensor
Features:
 Four output options available
 High noise immunity
 Direct TTL/LSTTL interface
 TO-18 hermetically sealed package
 Sensors mechanically and spectrally matched to other Optek devices (see device
descriptions detailed below)
Pin #
OPL80_ or
OPL81_
OPL82_
Transistor
1
Ground
Ground
Collector
2
VCC
Output
Base
3
Output
VCC
Emitter
Pin #
OPL82_
Transistor
1
Ground
Collector
2
Output
Base
3
Vcc
Emitter
OPL80_ or OPL81_
Ground
Vcc
Output
TO-18 Base
Mounted to TO-18 Base
DIMENSIONS ARE IN:
[ MILLIMETERS]
INCHES
RoHS


Similar Part No. - OPL810

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL810 OPTEK-OPL810 Datasheet
604Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
OPL810-OC OPTEK-OPL810-OC Datasheet
604Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
More results

Similar Description - OPL810

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL801 OPTEK-OPL801 Datasheet
522Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
OPL810 OPTEK-OPL810 Datasheet
604Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
OPL800 OPTEK-OPL800 Datasheet
344Kb / 2P
   HIGH RELIABILITY PHOTOLOGIC HERMETIC SENSORS
logo
TT Electronics.
OPL800TXV TTELEC-OPL800TXV Datasheet
161Kb / 2P
   High Reliability Photologic Hermetic Sensors
logo
OPTEK Technologies
OPL820 OPTEK-OPL820 Datasheet
403Kb / 3P
   Photologic Hermetic Sensor
OPL530 OPTEK-OPL530 Datasheet
503Kb / 2P
   Photologic Sensors
OPL550 OPTEK-OPL550 Datasheet
146Kb / 4P
   PHOTOLOGIC PLASTIC SENSORS
OPL535 OPTEK-OPL535 Datasheet
427Kb / 2P
   Photologic Sensors
OPL560 OPTEK-OPL560 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
OPB760N OPTEK-OPB760N_06 Datasheet
238Kb / 4P
   Photologic Reflective Object Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com