Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPL535B Datasheet(PDF) 8 Page - TT Electronics.

Part # OPL535B
Description  Photologic Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPL535B Datasheet(HTML) 8 Page - TT Electronics.

Back Button OPL535B Datasheet HTML 2Page - TT Electronics. OPL535B Datasheet HTML 3Page - TT Electronics. OPL535B Datasheet HTML 4Page - TT Electronics. OPL535B Datasheet HTML 5Page - TT Electronics. OPL535B Datasheet HTML 6Page - TT Electronics. OPL535B Datasheet HTML 7Page - TT Electronics. OPL535B Datasheet HTML 8Page - TT Electronics. OPL535B Datasheet HTML 9Page - TT Electronics. OPL535B Datasheet HTML 10Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OPL530, OPL531, OPL535, OPL536, OPL550,
OPL551, OPL560, OPL561, OPL562, OPL563
Issue C
09/2016
Page 8
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
VOH
Operating Supply Voltage
OPL550
OPL560
OPL561
2.4
VCC -2.1
VCC -2.1
3.3
-
-
-
-
-
V
V
V
VCC = 4.5 V, IOH = -800 µa,
EE = 3 mW/cm
2
IOH = -1 µA, EE = 1 mW/cm
2
IOH = -1 µA, EE = 0
VOL
Low Level Output Voltage
OPL530, OPL530-OC
OPL536-OC
OPL550
OPL560
OPL561, OPL561-OC
-
-
-
-
-
0.2
0.2
0.25
-
-
0.4
0.4
0.4
.4
.4
V
V
V
V
V
IOL = 16 mA, EE = 0
IOL = 16 mA, EE = 1 mW/cm
2
VCC = 4.5 V, IOL = 12.8 mA,
EE = 0
IOL = 16 mA, EE = 0
IOL = 16 mA, EE = 1 mW/cm
2
IOS
Short Circuit Output Current
OPL550
-20
-55
-100
mA
VCC = 5.5 V, Output = GND,
EE = 3 mW/cm
2
IOH
High Level Output Current
(4)
OPL536-OC
OPL530, OPL530-OC
OPL550-OC
OPL551-OC
OPL561-OC
-
-
-
-
-
0.1
0.1
1
1
-
10
10
100
100
100
µA
µA
µA
µA
µA
VOH = 30 V, EE = 0
VOH = 30 V, EE = 1 mW/cm
2
VCC = 4.5 V, VOH = 30 V,
EE = 3 mW/cm
2
VCC = 4.5 V, VOH = 30 V,
EE = 0
VOH = 30 V, EE = 0
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering. For OPL530, OPL530-OC, and OPL536-OC, a
maximum of 20 grams force may be applied to leads while at soldering temperatures.
(2)
Derate linearly 2.67 mW/°C above 70° C for OPL530, OPL530-OC, and OPL536-OC. Derate linearly 2.5 mW/° C above 25° C for all devices in
the OPL550, OPL560, OPL561, OPL562 and OPL563 series.
(3)
Irradiance measurements are made with λi = 935 nm.
(4)
This applies to OC versions only. For ICC on pull-up versions, add VCC/10 KΩ.


Similar Part No. - OPL535B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL535 OPTEK-OPL535 Datasheet
427Kb / 2P
   Photologic Sensors
OPL535 OPTEK-OPL535 Datasheet
434Kb / 8P
   Choice of four output options in low-cost side-looking package
OPL535-OC OPTEK-OPL535-OC Datasheet
427Kb / 2P
   Photologic Sensors
More results

Similar Description - OPL535B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL820 OPTEK-OPL820 Datasheet
403Kb / 3P
   Photologic Hermetic Sensor
OPB715 OPTEK-OPB715 Datasheet
228Kb / 2P
   Photologic Reflective Object Sensor
logo
TT Electronics.
OPB760 TTELEC-OPB760 Datasheet
398Kb / 7P
   Photologic Reflective Object Sensor
OPB715 TTELEC-OPB715 Datasheet
961Kb / 4P
   Photologic Reflective Obiect Sensor
logo
OPTEK Technologies
OPI1290 OPTEK-OPI1290 Datasheet
151Kb / 2P
   Fiber Optic Isolator-Photologic Sensor
OPL550 OPTEK-OPL550 Datasheet
146Kb / 4P
   PHOTOLOGIC PLASTIC SENSORS
OPL530 OPTEK-OPL530 Datasheet
503Kb / 2P
   Photologic Sensors
OPL535 OPTEK-OPL535 Datasheet
427Kb / 2P
   Photologic Sensors
OPB685 OPTEK-OPB685 Datasheet
534Kb / 4P
   Photologic Optical Flag Switch
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com