Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPR5005 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPR5005
Description  Minature SMD Reflective Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPR5005 Datasheet(HTML) 1 Page - TT Electronics.

  OPR5005 Datasheet HTML 1Page - TT Electronics. OPR5005 Datasheet HTML 2Page - TT Electronics. OPR5005 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The OPR5005 is a miniature reflective sensor that combines a silicon phototransistor with a GaAIAs LED in a high-
temperature opaque polyamide chip carrier. It is designed to sense the motion or proximity of diffuse reflective surfaces in
space-limited applications. The opaque package insures very low cross-talk and shields the phototransistor from ambient
light sources, while the silicone encapsulated package allows operation over a wide temperature range. The gold-plated
wraparound solder pads offer exceptional storage and wetting characteristics.
See Application Bulletin 237 for handling instructions.
Motion sensors
Space-limited applications
Applications requiring
ambient light protection
Can be stored in dirty
environments
High temperature operation
Surface mountable
Compact size
Excellent ambient light protection
Ordering Information
Reflective
Switch
Part Number
LED Peak
Wavelength
Sensor
# of
Elements
IC(ON) (µA)
Min / Typ
IF (mA)
Typ / Max
VCE
Typ / Max
Packaging
OPR5005
890 nm
Phototransistor
2
750
20 / 50
5 / 30
Chip Tray
Pin #
Description
1
Collector
2
Anode
3
Cathode
4
Emitter
Warning: Front Win-
dows are pressure sensi-
tive. Do not apply pres-
sure or high vacuum to
window.
RoHS


Similar Part No. - OPR5005

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR5005 OPTEK-OPR5005 Datasheet
191Kb / 2P
   SMD REFLECTIVE SENSOR
More results

Similar Description - OPR5005

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR5005 OPTEK-OPR5005 Datasheet
191Kb / 2P
   SMD REFLECTIVE SENSOR
logo
TT Electronics.
OPB9000 TTELEC-OPB9000 Datasheet
1Mb / 20P
   SMD Reflective Optical Sensor
logo
PerkinElmer Optoelectro...
CRS20 PERKINELMER-CRS20 Datasheet
183Kb / 2P
   Ceramic Chip SMD Reflective Sensor
logo
Honeywell Accelerometer...
HOA2498-002 HONEYWELL-ACC-HOA2498-002 Datasheet
419Kb / 4P
   Reflective Sensor
logo
Honeywell Solid State E...
HOA1180 HONEYWELL-HOA1180 Datasheet
329Kb / 2P
   Reflective Sensor
HOA0709-011 HONEYWELL-HOA0709-011 Datasheet
437Kb / 4P
   Reflective Sensor
logo
EUROQUARTZ limited
OC51T EUROQUARTZ-OC51T Datasheet
280Kb / 2P
   SMD Minature Square Wave OCXO
logo
Unity Opto Technology
MIR-3306-TC11 UOT-MIR-3306-TC11 Datasheet
231Kb / 9P
   SMD Type Reflective Photo Sensor Subminiature Photointerrupter
logo
Honeywell Accelerometer...
HOA1404 HONEYWELL-ACC-HOA1404 Datasheet
441Kb / 4P
   Reflective Sensor
logo
Honeywell Solid State E...
HOA1405 HONEYWELL-HOA1405 Datasheet
387Kb / 4P
   Reflective Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com