Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB720B-06Z Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB720B-06Z
Description  Long Distance Reflective Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB720B-06Z Datasheet(HTML) 1 Page - TT Electronics.

  OPB720B-06Z Datasheet HTML 1Page - TT Electronics. OPB720B-06Z Datasheet HTML 2Page - TT Electronics. OPB720B-06Z Datasheet HTML 3Page - TT Electronics. OPB720B-06Z Datasheet HTML 4Page - TT Electronics. OPB720B-06Z Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The OPB720A and OPB720B Series reflective switches detects objects as far away as 12” (305 mm) using standard 90%
reflective material, and can detect objects as small as 0.08” (2 mm). The OPB720 series consist of three standard reflective
switching distances -06Z for typically 6” (152 mm), -12Z for typically 12” (305 mm) and -30VZ for typically 30” (762 mm).
The power supply voltage range of the OPB720A series is 10 to 30 volts while the power supply voltage range for the
OPB720B is 4 to 7 volts.
The OPA720A and OPB720B sensors are NOT affected by ambient light in most conditions. Ambient light conditions are
compensated by using a synchronous driver detection scheme.
This sensor has a logical output that switches from a high level with reflective target to a low level with no reflective target.
With the addition of hysteresis, the OPB720 series minimizes output switching oscillations. The type of material used for
the target is very dependent on the distance that can be achieved for the sensor. Taking this into consideration, the
OPB720 series can be used in either a reflective or interruptive mode. As an example, the OPB720A-12Z can easily be used
in a reflective mode for distances around 12” (305 mm) while when reflecting off a retro-reflective target similar to 3M 3870
or Nippon Crystallite at distances around 85” (216 mm) the device works well in the interruptive mode. See the included
charts for typical distances with different reflective material for other versions of the OPB720 series devices.
The OPB720 series has an open collector output transistor and power requirements are compatible with most PLCs and TTL
gates.
 Conveyer belt package recognition
 Personnel movement recognition
 Near-focus security systems
 Hand wash and soap dispensing stations
 Toilet and urinal sensors
 Product dispensing systems
 0.04” to 12” (1 mm to 305 mm) with 90% reflective material. (Typical
Maximum detection distance to be set at factory)
 Recognizes objects as small as 0.08” (2 mm)
 Ambient light rejection < 100K Lux
 Open collector output
 Cable length 39” (990 mm) lead length 28 AWG wire
Electronics
Vcc
Output
Ground
Ordering Information
Part Number
Description
OPB720A-06Z
OPB720B-06Z
Maximum detection of 0.04” to 6” (1.0 mm to 152 mm)
39” (991 mm) lead length with 28 AWG wire, using white 90%
reflective paper
OPB720A-12Z
OPB720B-12Z
Maximum detection of 0.04” to 12” (1.0 mm to 305 mm)
39” (991 mm) lead length with 28 AWG wire, using white 90%
reflective paper
OPB720A-30VZ
OPB720B-30VZ
Maximum detection of 0.04” to 30” (1.0 mm to 762 mm)
39” (991 mm) lead length with 28 AWG wire, using white 90%
reflective paper
Additional laser safety information can be found
on the Optek website. See application #221.
Classification is not marked on the device due to
space limitations. See package outline for
centerline of optical radiance. Operating devic-
es beyond maximum rating may cause devices
OPB720A-30VZ & OPB720B-30VZ ONLY
RoHS


Similar Part No. - OPB720B-06Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB720B-06Z OPTEK-OPB720B-06Z Datasheet
305Kb / 5P
   Long Distance Reflective Switch
OPB720B-06Z OPTEK-OPB720B-06Z Datasheet
287Kb / 5P
   Long Distance Reflective Switch
More results

Similar Description - OPB720B-06Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB720 TTELEC-OPB720 Datasheet
161Kb / 2P
   Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720 OPTEK-OPB720 Datasheet
155Kb / 2P
   Long Distance Reflective Switch
OPB732 OPTEK-OPB732 Datasheet
135Kb / 3P
   Long Distance Reflective Switch
OPB725 OPTEK-OPB725 Datasheet
195Kb / 3P
   Long Distance Reflective Switch
logo
TT Electronics.
OPB725 TTELEC-OPB725 Datasheet
200Kb / 3P
   Long Distance Reflective Switch
OPB732 TTELEC-OPB732 Datasheet
968Kb / 4P
   Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720A OPTEK-OPB720A Datasheet
305Kb / 5P
   Long Distance Reflective Switch
OPB720A OPTEK-OPB720A_14 Datasheet
287Kb / 5P
   Long Distance Reflective Switch
logo
Sharp Corporation
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
   Long Focal Distance, Reflective Type Photointerrupter
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
   Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com