Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP750A Datasheet(PDF) 6 Page - TT Electronics.

Part # OP750A
Description  NPN Silicon Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP750A Datasheet(HTML) 6 Page - TT Electronics.

  OP750A Datasheet HTML 1Page - TT Electronics. OP750A Datasheet HTML 2Page - TT Electronics. OP750A Datasheet HTML 3Page - TT Electronics. OP750A Datasheet HTML 4Page - TT Electronics. OP750A Datasheet HTML 5Page - TT Electronics. OP750A Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP550, OP552, OP555, OP560, OP565,
OP750 Series
Issue A
08/2016
Page 6
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Performance
OP552 - Typical Spectral Response
600
700
800
900
1000
1100
20
40
60
80
100
Wavelength (nm)
OP552 - Output Vs Frequency
20
40
60
80
100
Frequency (KHz)
1
10
100
1000
RL = 10 K
RL = 1 K
OP552 - Rise and Fall Time vs
Load Resistance
0
2 K
4 K
8 K
6 K
10 K
50
100
150
200
250
Load Resistance (Ohms)
tr
tf
VCC = 5 V
VRL = 1 V
f = 100 Hz
PW = 1 ms
OP552 - Coupling Characteristic
Distance (inches)
0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100
Emitter: OP142
IF: 20mA
VCE: 5V


Similar Part No. - OP750A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP750A OPTEK-OP750A Datasheet
438Kb / 2P
   NPN Pho totransistor with Base- Emitter Resistor
More results

Similar Description - OP750A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com