Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5USBC412IYFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS5USBC412IYFFR
Description  Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5USBC412IYFFR Datasheet(HTML) 5 Page - Texas Instruments

  TS5USBC412IYFFR Datasheet HTML 1Page - Texas Instruments TS5USBC412IYFFR Datasheet HTML 2Page - Texas Instruments TS5USBC412IYFFR Datasheet HTML 3Page - Texas Instruments TS5USBC412IYFFR Datasheet HTML 4Page - Texas Instruments TS5USBC412IYFFR Datasheet HTML 5Page - Texas Instruments TS5USBC412IYFFR Datasheet HTML 6Page - Texas Instruments TS5USBC412IYFFR Datasheet HTML 7Page - Texas Instruments TS5USBC412IYFFR Datasheet HTML 8Page - Texas Instruments TS5USBC412IYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
TS5USBC41
www.ti.com
SCDS377 – MARCH 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermalmetrics, see the Semiconductor and ICPackage Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC (1)
Device
UNIT
YFF
12 PINS
RθJA
Junction-to-ambient thermal resistance
91.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.8
°C/W
RθJB
Junction-to-board thermal resistance
22.8
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
23.0
°C/W
6.5 Electrical Characteristics
TA = –40°C to +85°C (Industrial), TA = 0℃ to 70℃ (Standard),VCC = 2.3 V to 5.5 V, GND = 0 V, Typical values are at VCC =
3.3 V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VCC
Power supply voltage
2.3
5.5
V
Icc
Active supply current
OE = 0 V
SEL1, SEL2 = 0 V, 1.8 V or VCC
0 V < VI/O < 3.6 V
10
22
µA
Supply current during OVP condition
OE = 0 V
SEL1, SEL2 = 0 V, 1.8 V or VCC
VI/O > VPOS_THLD
15
35
μA
ICC_PD
Standby powered down supply
current
OE = 1.8 V or VCC
SEL1 = 0 V, 1.8 V, or VCC
SEL2 = 0 V, 1.8 V, or VCC
2.2
6
µA
DC Characteristics
RON
ON-state resistance
VI/O = 0.4 V
ISINK = 8 mA
Refer to ON-State Resistance Figure
5.6
9
ΔRON
ON-state resistance match between
channels
VI/O = 0.4 V
ISINK = 8 mA
Refer to ON-State Resistance Figure
0.07
0.3
RON (FLAT)
ON-state resistance flatness
VI/O = 0 V to 0.4 V
ISINK = 8 mA
Refer to ON-State Resistance Figure
0.07
0.4
IOFF
I/O pin OFF leakage current
V= 0 V or 3.6 V
VCC = 2.3 V to 5.5 V
VD1±or VD2+/- = 3.6 V or 0 V
Refer to Off Leakage Figure
-1
1
2
µA
V= 0 V or 16 V
VCC = 2.3 V to 5.5 V
VD1± or VD2+/- = 0 V
Refer to Off Leakage Figure
-1
150
180
µA
ION
ON leakage current
V= 0 V or 3.6 V
VD1± and VD2+/- = high-Z
Refer to On Leakage Figure
-1
1
2
µA
Digital Characteristics
VIH
Input logic high
SEL1, SEL2, OE
1.4
V
VIL
Input logic low
SEL1, SEL2, OE
0.5
V
VOL
Output logic low
FLT
IOL = 3 mA
0.4
V
IIH
Input high leakage current
SEL1, SEL2, OE = 1.8 V, VCC
-1
1
5
μA
IIL
Input low leakage current
SEL1, SEL2, OE = 0 V
-1
±0.2
5
μA


Similar Part No. - TS5USBC412IYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400I TI1-TS5USBC400I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPR TI1-TS5USBC400IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPT TI1-TS5USBC400IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400YFPR TI1-TS5USBC400YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
More results

Similar Description - TS5USBC412IYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
   16-BIT 2:1 MUX/DEMUX SWITCH
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
   16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
   4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com