Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3456BEV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQ3456BEV
Description  Automotive N-Channel 30 V (D-S) 175 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3456BEV Datasheet(HTML) 3 Page - Vishay Siliconix

  SQ3456BEV_17 Datasheet HTML 1Page - Vishay Siliconix SQ3456BEV_17 Datasheet HTML 2Page - Vishay Siliconix SQ3456BEV_17 Datasheet HTML 3Page - Vishay Siliconix SQ3456BEV_17 Datasheet HTML 4Page - Vishay Siliconix SQ3456BEV_17 Datasheet HTML 5Page - Vishay Siliconix SQ3456BEV_17 Datasheet HTML 6Page - Vishay Siliconix SQ3456BEV_17 Datasheet HTML 7Page - Vishay Siliconix SQ3456BEV_17 Datasheet HTML 8Page - Vishay Siliconix SQ3456BEV_17 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SQ3456BEV
www.vishay.com
Vishay Siliconix
S12-1848-Rev. B, 30-Jul-12
3
Document Number: 67934
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
8
16
24
32
40
0
2
4
6
8
10
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 5 V
V
GS = 3 V
V
GS = 4 V
0
6
12
18
24
30
0.0
1.2
2.4
3.6
4.8
6.0
I
D -Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
100
200
300
400
500
0
6
12
18
24
30
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0
8
16
24
32
40
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0.00
0.03
0.06
0.09
0.12
0.15
0
8
16
24
32
40
I
D -Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
2
4
6
8
10
Q
g -Total Gate Charge (nC)
V
DS = 15 V
I
D = 6 A


Similar Part No. - SQ3456BEV_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3456BEV VISHAY-SQ3456BEV_15 Datasheet
233Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQ3456BEV_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQ1470AEH VISHAY-SQ1470AEH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQ3410EV VISHAY-SQ3410EV_15 Datasheet
210Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
Rev. A, 28-May-12
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQJA26EP VISHAY-SQJA26EP Datasheet
226Kb / 8P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 12-Apr-2021
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V01 Datasheet
161Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com