Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7812DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7812DN
Description  N-Channel 75-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7812DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7812DN Datasheet HTML 1Page - Vishay Siliconix SI7812DN Datasheet HTML 2Page - Vishay Siliconix SI7812DN Datasheet HTML 3Page - Vishay Siliconix SI7812DN Datasheet HTML 4Page - Vishay Siliconix SI7812DN Datasheet HTML 5Page - Vishay Siliconix SI7812DN Datasheet HTML 6Page - Vishay Siliconix SI7812DN Datasheet HTML 7Page - Vishay Siliconix SI7812DN Datasheet HTML 8Page - Vishay Siliconix SI7812DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
Si7812DN
Document Number: 73332
S-83050-Rev. D, 29-Dec-08
www.vishay.com
1
N-Channel 75-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
Low Thermal Resistance PowerPAK®
Package with Small Size and Low 1.07 mm
Profile
APPLICATIONS
Primary Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
75
0.037 at VGS = 10 V
16e
8 nC
0.046 at VGS = 4.5 V
16e
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Ordering Information: Si7812DN-T1-E3 (Lead (Pb)-free)
Si7812DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. See Solder Profile (www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
d. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
e. Package limited.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
75
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
16e
A
TC = 70 °C
16e
TA = 25 °C
7.2a, b
TA = 70 °C
5.7a, b
Pulsed Drain Current
IDM
25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
16e
TA = 25 °C
3.2a, b
Avalanche Current
L = 0.1 mH
IAS
15
Single-Pulse Avalanche Energy
EAS
11
mJ
Maximum Power Dissipation
TC = 25 °C
PD
52
W
TC = 70 °C
33
TA = 25 °C
3.8a, b
TA = 70 °C
2.4a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)c, d
260


Similar Part No. - SI7812DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7812DN VISHAY-SI7812DN Datasheet
557Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SI7812DN TFUNK-SI7812DN Datasheet
543Kb / 14P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SI7812DN VISHAY-SI7812DN Datasheet
550Kb / 14P
   N-Channel 75-V (D-S) MOSFET
01-Jan-2022
SI7812DN-T1-E3 VISHAY-SI7812DN-T1-E3 Datasheet
557Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
SI7812DN-T1-GE3 VISHAY-SI7812DN-T1-GE3 Datasheet
557Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
More results

Similar Description - SI7812DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com