Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7415DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7415DN
Description  P-Channel 60-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7415DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7415DN Datasheet HTML 1Page - Vishay Siliconix SI7415DN Datasheet HTML 2Page - Vishay Siliconix SI7415DN Datasheet HTML 3Page - Vishay Siliconix SI7415DN Datasheet HTML 4Page - Vishay Siliconix SI7415DN Datasheet HTML 5Page - Vishay Siliconix SI7415DN Datasheet HTML 6Page - Vishay Siliconix SI7415DN Datasheet HTML 7Page - Vishay Siliconix SI7415DN Datasheet HTML 8Page - Vishay Siliconix SI7415DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 71691
S-83043-Rev. E, 22-Dec-08
Vishay Siliconix
Si7415DN
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 60 V, VGS = 0 V
- 1
µA
VDS = - 60 V, VGS = 0 V, TJ = 70 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 10 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 5.7 A
0.054
0.065
Ω
VGS = - 4.5 V, ID = - 4.4 A
0.090
0.110
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 5.7 A
11
S
Diode Forward Voltagea
VSD
IS = - 3.2 A, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 30 V, VGS = - 10 V, ID = - 5.7 A
15
25
nC
Gate-Source Charge
Qgs
4
Gate-Drain Charge
Qgd
3.2
Turn-On Delay Time
td(on)
VDD = - 30 V, RL = 30 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 6 Ω
12
20
ns
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
22
35
Fall Time
tf
16
25
Source-Drain Reverse Recovery Time
trr
IF = - 3.2 A, dI/dt = 100 A/µs
45
90
Output Characteristics
0
4
8
12
16
20
0
1234
5
VGS = 10 thru 5 V
3 V
4 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
4
8
12
16
20
0
1234
5
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI7415DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7415DN VISHAY-SI7415DN Datasheet
48Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 22-Oct-01
SI7415DN VISHAY-SI7415DN Datasheet
193Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
SI7415DN-T1-E3 VISHAY-SI7415DN-T1-E3 Datasheet
555Kb / 11P
   P-Channel 60-V (D-S) MOSFET
Rev. E, 22-Dec-08
SI7415DN-T1-GE3 VISHAY-SI7415DN-T1-GE3 Datasheet
555Kb / 11P
   P-Channel 60-V (D-S) MOSFET
Rev. E, 22-Dec-08
SI7415DN-T1-GE3 VISHAY-SI7415DN-T1-GE3 Datasheet
624Kb / 12P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7415DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com