Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4874BDY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI4874BDY
Description  N-Channel 30-V MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4874BDY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4874BDY Datasheet HTML 1Page - Vishay Siliconix SI4874BDY Datasheet HTML 2Page - Vishay Siliconix SI4874BDY Datasheet HTML 3Page - Vishay Siliconix SI4874BDY Datasheet HTML 4Page - Vishay Siliconix SI4874BDY Datasheet HTML 5Page - Vishay Siliconix SI4874BDY Datasheet HTML 6Page - Vishay Siliconix SI4874BDY Datasheet HTML 7Page - Vishay Siliconix SI4874BDY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 73058
S09-0540-Rev. C, 06-Apr-09
Vishay Siliconix
Si4874BDY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Threshold Voltage
- 1.0
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
Single Pulse Power
0.001
0
1
200
80
120
10
0.01
Time (s)
40
160
0.1
Safe Operating Area
100
1
0.1
1
10
100
0.01
10
TC = 25 °C
Single Pulse
0.1
Limited by RDS(on)*
1 ms
10 ms
100 ms
1 s
10 s
DC
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
Normalized Thermal Transient Impedance, Junction-to-Ambient
10- 3
10- 2
1
10
600
10- 1
10- 4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 67 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SI4874BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY Datasheet
54Kb / 5P
   N-Channel 30-V MOSFET
Rev. A, 09-Aug-04
SI4874BDY VISHAY-SI4874BDY Datasheet
162Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4874BDY-T1-E3 VBSEMI-SI4874BDY-T1-E3 Datasheet
1,007Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
More results

Similar Description - SI4874BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4356DY VISHAY-SI4356DY Datasheet
67Kb / 6P
   N-Channel 30-V MOSFET
Rev. B, 14-Apr-03
logo
ACE Technology Co., LTD...
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
SI4430BD VISHAY-SI4430BD_V01 Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
logo
Nexperia B.V. All right...
PMPB100ENE NEXPERIA-PMPB100ENE Datasheet
321Kb / 15P
   30 V, N-channel MOSFET
26 April 2018
logo
ACE Technology Co., LTD...
ACE4410M ACE-ACE4410M Datasheet
368Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE1430M ACE-ACE1430M Datasheet
484Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE7402M ACE-ACE7402M Datasheet
391Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE2308E ACE-ACE2308E Datasheet
381Kb / 6P
   N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4430BDY VISHAY-SI4430BDY_V01 Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com