Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4874BDY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI4874BDY
Description  N-Channel 30-V MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4874BDY Datasheet(HTML) 7 Page - Vishay Siliconix

  SI4874BDY_17 Datasheet HTML 1Page - Vishay Siliconix SI4874BDY_17 Datasheet HTML 2Page - Vishay Siliconix SI4874BDY_17 Datasheet HTML 3Page - Vishay Siliconix SI4874BDY_17 Datasheet HTML 4Page - Vishay Siliconix SI4874BDY_17 Datasheet HTML 5Page - Vishay Siliconix SI4874BDY_17 Datasheet HTML 6Page - Vishay Siliconix SI4874BDY_17 Datasheet HTML 7Page - Vishay Siliconix SI4874BDY_17 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72606
22
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SO-8
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.172
(4.369)
0.028
(0.711)
0.050
(1.270)
0.022
(0.559)
Return to Index
Return to Index


Similar Part No. - SI4874BDY_17

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4874BDY-T1-E3 VBSEMI-SI4874BDY-T1-E3 Datasheet
1,007Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
More results

Similar Description - SI4874BDY_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4356DY VISHAY-SI4356DY Datasheet
67Kb / 6P
   N-Channel 30-V MOSFET
Rev. B, 14-Apr-03
logo
ACE Technology Co., LTD...
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
SI4430BD VISHAY-SI4430BD_V01 Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
logo
Nexperia B.V. All right...
PMPB100ENE NEXPERIA-PMPB100ENE Datasheet
321Kb / 15P
   30 V, N-channel MOSFET
26 April 2018
logo
ACE Technology Co., LTD...
ACE4410M ACE-ACE4410M Datasheet
368Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE1430M ACE-ACE1430M Datasheet
484Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE7402M ACE-ACE7402M Datasheet
391Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE2308E ACE-ACE2308E Datasheet
381Kb / 6P
   N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4430BDY VISHAY-SI4430BDY_V01 Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com