Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBZX84CXXXLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBZX84CXXXLT1G
Description  Zener Voltage Regulator Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBZX84CXXXLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBZX84CXXXLT1G Datasheet HTML 1Page - Leshan Radio Company LBZX84CXXXLT1G Datasheet HTML 2Page - Leshan Radio Company LBZX84CXXXLT1G Datasheet HTML 3Page - Leshan Radio Company LBZX84CXXXLT1G Datasheet HTML 4Page - Leshan Radio Company LBZX84CXXXLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LBZX84CxxxLT1G
SERIES
1
3
2
SOT– 23 (TO–236AB)
PLASTIC
3
Cathode
1
Anode
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board*
P D
225
mW
T A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance Junction to Ambient
R QJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate,** T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance Junction to Ambient
R QJA
417
°C/W
Junction and Storage Temeprature
T J , T stg
-55to+125
°C
**FR-5 = 1.0 x 0.75 x 0.62 in.
**Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Zener Voltage Regulator Diodes
MAXIMUM CASE TEMPERATURE FOR SOLDERING
PURPOSES: 260°C for 10 seconds
LESHAN RADIO COMPANY, LTD.
Ordering Information
Device
Package
Shipping
LBZX84CXXXLT1G
SOT-23
3000/Tape&Reel
LBZX84CXXXLT3G
SOT-23
10000/Tape&Reel
1/5
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - LBZX84CXXXLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBZX84C10LT1 LRC-LBZX84C10LT1 Datasheet
144Kb / 5P
   SEMICONDUCTOR, Zener Voltage Regulator Diodes
LBZX84C10LT1G LRC-LBZX84C10LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C10LT1G LEIDITECH-LBZX84C10LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84C10LT3 LRC-LBZX84C10LT3 Datasheet
144Kb / 5P
   SEMICONDUCTOR, Zener Voltage Regulator Diodes
LBZX84C11LT1 LRC-LBZX84C11LT1 Datasheet
144Kb / 5P
   SEMICONDUCTOR, Zener Voltage Regulator Diodes
More results

Similar Description - LBZX84CXXXLT1G

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
   Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com