Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2318DS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI2318DS
Description  N-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2318DS Datasheet(HTML) 1 Page - Vishay Siliconix

  SI2318DS_17 Datasheet HTML 1Page - Vishay Siliconix SI2318DS_17 Datasheet HTML 2Page - Vishay Siliconix SI2318DS_17 Datasheet HTML 3Page - Vishay Siliconix SI2318DS_17 Datasheet HTML 4Page - Vishay Siliconix SI2318DS_17 Datasheet HTML 5Page - Vishay Siliconix SI2318DS_17 Datasheet HTML 6Page - Vishay Siliconix SI2318DS_17 Datasheet HTML 7Page - Vishay Siliconix SI2318DS_17 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si2318DS
Document Number: 72322
S09-0130-Rev. B, 02-Feb-09
www.vishay.com
1
N-Channel 40-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
APPLICATIONS
Stepper Motors
Load Switch
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. Pulse width limited by maximum junction temperature
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
40
0.045 at VGS = 10 V
3.9
0.058 at VGS = 4.5 V
3.5
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
*Marking Code
Si2318DS( C8)*
Ordering Information: Si2318DS-T1-E3 (Lead (Pb)-free)
Si2318DS-T1-GE3 (Lead (Pb)-free and Halogen-free)
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
3.9
3.0
A
TA = 70 °C
3.1
2.4
Pulsed Drain Currentb
IDM
16
Continuous Source Current (Diode Conduction)a, b
IS
0.8
Power Dissipationa, b
TA = 25 °C
PD
1.25
0.75
W
TA = 70 °C
0.8
0.48
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
75
100
°C/W
Steady State
120
166
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50


Similar Part No. - SI2318DS_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS_13 Datasheet
194Kb / 8P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Feb-09
More results

Similar Description - SI2318DS_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com