Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5523 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT5523
Description  1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5523 Datasheet(HTML) 3 Page - Texas Instruments

  PT5523 Datasheet HTML 1Page - Texas Instruments PT5523 Datasheet HTML 2Page - Texas Instruments PT5523 Datasheet HTML 3Page - Texas Instruments PT5523 Datasheet HTML 4Page - Texas Instruments PT5523 Datasheet HTML 5Page - Texas Instruments PT5523 Datasheet HTML 6Page - Texas Instruments PT5523 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT5520 Series
1.5-A 5-V/3.3-V Input Adjustable
Integrated Switching Regulator
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
PT5521
PT5522
PT5523
PT5524
PT5525
PT5526
PT5527
0
5
10
15
20
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
PT5522
PT5523
PT5524
PT5521
PT5525
PT5526
PT5527
0
0.2
0.4
0.6
0.8
1
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
PT5521
PT5522
PT5523
PT5524
PT5525
PT5526
PT5527
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
PT5522
PT5523
PT5524
PT5525
PT5526
PT5527
0
5
10
15
20
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
PT5522
PT5523
PT5524
PT5525
PT5526
PT5527
0
0.15
0.3
0.45
0.6
0.75
0
0.3
0.6
0.9
1.2
1.5
Iout (A)
PT5522
PT5523
PT5524
PT5525
PT5526
PT5527
Efficiency vs Output Current
Efficiency vs Output Current
Performance Data; Vin =5.0V (See Note A)
Performance Data; Vin =3.3V (See Note A)
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Safe Operating Area; Vin =5.0V (See Note B)
Safe Operating Area; Vin =3.3V (See Note B)
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.3
0.6
0.9
1.2
1.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.3
0.6
0.9
1.2
1.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Typical Characteristics


Similar Part No. - PT5523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5523 TI1-PT5523 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5523A TI1-PT5523A Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5523C TI1-PT5523C Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5523N TI1-PT5523N Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT5523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com