Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si1012R-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Si1012R-T1-GE3
Description  N-Channel 1.8 V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si1012R-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  Si1012R-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix Si1012R-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix Si1012R-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix Si1012R-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix Si1012R-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix Si1012R-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix Si1012R-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix Si1012R-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vishay Siliconix
Si1012R, Si1012X
www.vishay.com
2
Document Number: 71166
S13-0786-Rev. E, 15-Apr-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.45
0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 0.5
± 1
µA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
0.3
100
nA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
5µA
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
700
mA
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 600 mA
0.41
0.70
VGS = 2.5 V, ID = 500 mA
0.53
0.85
VGS = 1.8 V, ID = 350 mA
0.70
1.25
Forward Transconductancea
gfs
VDS = 10 V, ID = 400 mA
1
S
Diode Forward Voltagea
VSD
IS = 150 mA, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 250 mA
750
pC
Gate-Source Charge
Qgs
75
Gate-Drain Charge
Qgd
225
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 47 
ID  200 mA, VGEN = 4.5 V, Rg = 10 
5
ns
Rise Time
tr
5
Turn-Off Delay Time
td(off)
25
Fall Time
tf
11


Similar Part No. - Si1012R-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R-T1-GE3 VISHAY-SI1012R-T1-GE3 Datasheet
108Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Jul-08
SI1012R-T1-GE3 VISHAY-SI1012R-T1-GE3 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
SI1012R-T1-GE3 VISHAY-SI1012R-T1-GE3 Datasheet
170Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - Si1012R-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com