Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C333KCRACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C333KCRACAUTO
Description  SMD Auto X7R HV, Ceramic, 0.033 uF, 10%, 500 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C333KCRACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C333KCRACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 12/19/2017 - 95c19576-fe71-491d-b941-04853bbbe533
KEMET Part Number: C1206C333KCRACAUTO
SMD Auto X7R HV, Ceramic, 0.033 uF, 10%, 500 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.7mm +/-0.20mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Supplier: KEMET
Series: SMD Auto X7R HV
Style: SMD Chip
Description:
SMD, MLCC, High Voltage,
Temperature Stable, Automotive
Grade
Features: High Voltage, Temp Stable,
Automotive Grade
RoHS: Yes
Termination: Tin
Marking: No
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 1206
Specifications
Capacitance: 0.033 uF
Capacitance Tolerance: 10%
Voltage DC: 500 VDC
Dielectric Withstanding
Voltage: 750 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 3.03 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C333KCRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C333KCRACTU KEMET-C1206C333KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.033 uF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
More results

Similar Description - C1206C333KCRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C333KBRACAUTO KEMET-C1206C333KBRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.033 uF, 10%, 630 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C683KCRACAUTO KEMET-C1206C683KCRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.068 uF, 10%, 500 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C223KCRACAUTO KEMET-C1206C223KCRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.022 uF, 10%, 500 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C333KARACAUTO KEMET-C1206C333KARACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 0.033 uF, 10%, 250 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1206C333K1RACAUTO KEMET-C1206C333K1RACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 0.033 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1210C333KFRACAUTO KEMET-C1210C333KFRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.033 uF, 10%, 1,500 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1210
C1210C333KBRACAUTO KEMET-C1210C333KBRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.033 uF, 10%, 630 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1210
C1206C471KCRACAUTO KEMET-C1206C471KCRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 470 pF, 10%, 500 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C221KCRACAUTO KEMET-C1206C221KCRACAUTO Datasheet
71Kb / 1P
   SMD Auto X7R HV, Ceramic, 220 pF, 10%, 500 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
C1206C223KDRACAUTO KEMET-C1206C223KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.022 uF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com