Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0934473033 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0934473033
Description  ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Green, Key C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0934473033 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0934473033 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/16/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0934473033
Status:
Active
Overview:
ML-XT Sealed Connection System
Description:
ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer,
Green, Key C
Documents:
Drawing (PDF)
Packaging Specification 934430002-K (PDF)
Product Specification 934430010-P (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification 934430010-A (PDF)
Product Literature (PDF)
General
Product Family
Accessories
Series
93447
Component Type
Terminal Position Assurance
Overview
ML-XT Sealed Connection System
Product Literature Order No
987651-0201
Product Name
ML-XT, TPA - Term Pos Assurance
UPC
889056391900
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Green
Gender
Receptacle
Lock to Mating Part
None
Material - Resin
Nylon
Net Weight
0.380/g
Packaging Type
Bag
Temperature Range - Operating
-55°C to +125°C
Material Info
Reference - Drawing Numbers
Application Specification
934430010-A
Packaging Specification
934430002-K
Product Specification
934430010-P
Sales Drawing
934430030-000
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
93447 Series
Use With
ML-XT Sealed 4 Circuit Receptacle Housing
93444
This document was generated on 03/16/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0934473033

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0934473003 MOLEX1-0934473003 Datasheet
50Kb / 1P
   ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Green, No Key
0934473012 MOLEX1-0934473012 Datasheet
49Kb / 1P
   ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Grey, Key A
0934473021 MOLEX1-0934473021 Datasheet
49Kb / 1P
   ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Black, Key B
0934473047 MOLEX1-0934473047 Datasheet
49Kb / 1P
   ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Brown, Key D
More results

Similar Description - 0934473033

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0934483033 MOLEX1-0934483033 Datasheet
49Kb / 1P
   ML-XT 4 Circuit Plug Wedgelock Terminal Position Assurance (TPA) Retainer, Green,Key C
0934473003 MOLEX1-0934473003 Datasheet
50Kb / 1P
   ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Green, No Key
0934481033 MOLEX1-0934481033 Datasheet
45Kb / 1P
   ML-XT 2 Circuit Plug Wedgelock Terminal Position Assurance (TPA) Retainer, Green,Key C
0934473012 MOLEX1-0934473012 Datasheet
49Kb / 1P
   ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Grey, Key A
0934473021 MOLEX1-0934473021 Datasheet
49Kb / 1P
   ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Black, Key B
0934475003 MOLEX1-0934475003 Datasheet
42Kb / 1P
   ML-XT 8 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Green, No Key
0934473047 MOLEX1-0934473047 Datasheet
49Kb / 1P
   ML-XT 4 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Brown, Key D
0934471003 MOLEX1-0934471003 Datasheet
36Kb / 1P
   ML-XT 2 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Green, No Key
0934474003 MOLEX1-0934474003 Datasheet
49Kb / 1P
   ML-XT 6 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Green, No Key
0934476003 MOLEX1-0934476003 Datasheet
48Kb / 1P
   ML-XT 12 Circuit Receptacle Wedgelock Terminal Position Assurance (TPA) Retainer, Green, No Key
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com