Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C2-30701216E2300 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # L2C2-30701216E2300
Description  Uniform, high-efficacy and easy-to-design array
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C2-30701216E2300 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  L2C2-30701216E2300 Datasheet HTML 1Page - Lumileds Lighting Company L2C2-30701216E2300 Datasheet HTML 2Page - Lumileds Lighting Company L2C2-30701216E2300 Datasheet HTML 3Page - Lumileds Lighting Company L2C2-30701216E2300 Datasheet HTML 4Page - Lumileds Lighting Company L2C2-30701216E2300 Datasheet HTML 5Page - Lumileds Lighting Company L2C2-30701216E2300 Datasheet HTML 6Page - Lumileds Lighting Company L2C2-30701216E2300 Datasheet HTML 7Page - Lumileds Lighting Company L2C2-30701216E2300 Datasheet HTML 8Page - Lumileds Lighting Company L2C2-30701216E2300 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
IllumInatIon
No. E352519
DS155 LUXEON CoB Core Range (Gen 2) Product Datasheet ©2016 Lumileds Holding B.V. All rights reserved.
Features and BeneFIts
PrImary aPPlIcatIons
Highest flux densities with industry’s smallest LES
Architectural
3-step MacAdam ellipse color definition: Freedom from Binning for color
consistency from luminaire to luminaire
Downlights
Up to 4x lower thermal resistance than competition, enabling smaller heat
sinks and higher lumens
High Bay & Low Bay
Supported by a comprehensive optical, mechanical and electrical ecosystem
Lamps
Outdoor
Specialty Lighting
Spotlights
The second generation of LUXEON CoB represents a new breakthrough
in efficacy for arrays. It has 10% higher efficiency and 10% higher lumen
output at the same drive currents as existing LUXEON CoB. Due to its
small Light Emitting Surface (LES) and industry-leading thermal resistance,
LUXEON CoB is easy to work with, enabling simplified and less expensive
luminaire designs. LUXEON CoBs are hot-tested at 85°C—real world
operating conditions—which means additional testing can be minimized.
LUXEON CoB LEDs are available in 3-step MacAdam ellipse, ensuring
uniform optical performance in a wide range of applications.
luXeon coB core range (Gen 2)
Uniform, high-efficacy and easy-to-design array


Similar Part No. - L2C2-30701216E2300

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-30701216E2300 LUMILEDS-L2C2-30701216E2300 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
More results

Similar Description - L2C2-30701216E2300

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com